| Moteur de recherche de fiches techniques de composants électroniques |
|
DOC7707 Fiches technique(PDF) 239 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DOC7707 Fiches technique(HTML) 239 Page - List of Unclassifed Manufacturers |
|
239 / 307 page ![]() 239 7707F–AVR–11/10 AT90USB82/162 ; disable interrupts if enabled, store status in temp2, SREG cli ; check that no EEPROM write access is present Wait_ee: sbic EECR, EEPE rjmp Wait_ee ; SPM timed sequence out SPMCSR, spmcrval spm ; restore SREG (to enable interrupts if originally enabled) out SREG, temp2 ret 23.7.14 AT90USB82/162 Boot Loader Parameters In Table 23-8 through Table 23-10, the parameters used in the description of the Self-Program- ming are given. (Page size = 64 words = 128 bytes) Table 23-8. Boot Size Configuration () (16k) 16K b 1 1 512 bytes 4 0x0000 - 0x3DFF 0x3E00 - 0x3FFF 0x3DFF 0x3E00 1 0 1024 bytes 8 0x0000 - 0x3BFF 0x3C00 - 0x3FFF 0x3BFF 0x3C00 0 1 2048 bytes 16 0x0000 - 0x37FF 0x3800 - 0x3FFF 0x37FF 0x3800 0 0 4096 bytes 32 0x0000 - 0x2FFF 0x3000 - 0x3FFF 0x2FFF 0x3000 8Kb 1 1 512 bytes 4 0x0000 - 0x1DFF 0x1E00 - 0x1FFF 0x1DFF 0x1E00 1 0 1024 bytes 8 0x0000 - 0x1BFF 0x1C00 - 0x1FFF 0x1BFF 0x1C00 0 1 2048 bytes 16 0x0000 - 0x17FF 0x1800 - 0x1FFF 0x17FF 0x1800 0 0 4096 bytes 32 0x0000 - 0x0FFF 0x1000 - 0x1FFF 0x0FFF 0x1000 |