| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE12S Fiches technique(PDF) 191 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE12S Fiches technique(HTML) 191 Page - Tyco Electronics |
|
191 / 326 page ![]() F16 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Rocker/Paddle Switches Paddle Switches, A Series, PC Tail, Straight or Vertical Right Angle SEE PAGE F7 FOR PRODUCT SPECIFICATIONS AND PART MATRIX SPDT / DPDT A105J2AV2QO Standard Paddle Color - (Black) .275 (6.98) .050 (1.27) TYP .250 (6.35) .138 (3.50) .370 (9.40) .030 (0.80) TYP .500 (12.70) .185 (4.70) TYP .365 (9.27) EPOXY SEAL 1.15 (29.3) .937 (23.80) .024 (0.61) .094 (2.38) DIA 2 PLCS 25 o .740 (18.7) .332 R (8.43) .083 (2.10) .185 (4.70) TYP .073 (1.85) DIA TYP 1 2 3 .270 (6.85) .275 (6.98) .050 (1.27) TYP .250 (6.35) .138 (3.50) .370 (9.40) .030 (0.80) TYP .500 (12.70) .185 (4.70) TYP .365 (9.27) EPOXY SEAL 1.15 (29.3) ..937 (23.80) .094 (2.38) DIA 2 PLCS .450 (11.43) .040 (1.01) .190 (4.82) 25 o .740 (18.7) .332 R (8.43) .083 (2.10) .185 (4.70) TYP .073 (1.85) DIA TYP .190 (4.82) 1 2 3 4 5 6 .024 (0.61) A105J2CQO SPDT DPDT .125 (3.17) .265 (6.73) .050 (1.27) .150 (3.81) TYP. .031 (0.80) TYP. .050 (1.27) .500 (12.70) .236 (6.00) .370 (9.40) .100 (2.54) .500 (12.70) .108 (2.74) .200 (5.08) .500 (12.7) .150 (3.81) TYP. .073 (1.85) DIA. TYP. .366 (9.30) .016 (0.40) TYP. .200 (5.08) EPOXY SEAL 3 2 1 25 o .740 (18.7) .332 R. (8.43) .083 (2.10) .453 (11.50) .040 (1.01) .200 (5.08) .500 (12.7) .150 (3.81) TYP. .073 (1.85) DIA. TYP. .366 (9.30) .016 (0.40) TYP. .200 (5.08) .050 (1.27) TYP. .190 (4.83) .190 (4.82) 1 2 3 4 5 6 Silver Contacts Tyco Electronics Alcoswitch Type Act. Code P. M5 1-1437591-8 A101J2AV2Q0 SPDT 1 On None On 5-1437591-2 A105J2AV2Q0 SPDT 5 (On) Off (On) Silver Contacts Tyco Electronics Alcoswitch Type Act. Code P. M5 — A201J2AV2Q0 DPDT 2 On None On Silver Contacts Tyco Electronics Alcoswitch Type Act. Code P. M5 — A103J2CQ0 SPDT 5 (On) Off (On) — A105J2CQ0 SPDT 5 (On) Off (On) Silver Contacts Tyco Electronics Alcoswitch Type Act. Code P. M5 7-1437591-5 A201J2CQ0 DPDT 2 On None On 9-1437591-8 A205J2CQ0 DPDT 6 (On) Off (On) A205J2CQO |