| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE12S Fiches technique(PDF) 138 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE12S Fiches technique(HTML) 138 Page - Tyco Electronics |
|
138 / 326 page ![]() D14 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D TP-ES Series Pushbutton Switches, Tiny, Process Sealed, Straight or Right Angle ® DPST/DPDT TPD21MGPCES Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPD21MGPCES(*) DPST M N.O. Momentary .250 Gold TPD21RGPCES(*) DPDT R Momentary .250 Gold TPF21MGPCES(*) DPST M N.O. Momentary 1/4-40 Gold TPF21RGPCES(*) DPDT R Momentary 1/4-40 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "M" action switch. .245 (6.22) DIA. .226 (5.74) TO FLAT .137 (3.48) .132 (3.35) DIA. .020 (0.51) TYP. .158 (4.01) .132 (3.35) .226 (5.74) TO FLAT .311 (7.90) .340 (8.66) .120 (3.05) .020 (0.51) TYP. 1/4-40 UNS-2A .022 Dp. X .040 W. (.56) Dp. X (1.02) W.) KEYWAY .120 (3.05) .311 (7.90) .340 (8.66) .200 (5.08) .100 (2.54) TYP. .043 (1.09) DIA. TYP. .480 (12.2) .200 (5.08) .410 (10.4) .030 (0.76) TYP. 3 2 1 6 5 4 SPST/SPDT Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPB11CGRAES(*) SPST C N.O. Momentary .188 Gold TPB11FGRAES(*) SPDT F Momentary .188 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on “C” action switch. TPB11CGRAES .043 (1.09) DIA.-TYP. .400 (10.16) .100 (2.54) .200 (5.08) .400 (9.91) .020 (0.51) TYP. .100 (2.54) DIA. .172 (4.37) TO FLAT .170 (4.32) .118 (2.98) .030 (7.67) .186 (4.72) DIA. .137 (3.48) .140 (3.56) .015 (.38) .030 (0.76) .079 (2.01) .340 (8.64) .443 (11.25) Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPB21MGRAES(*) DPST M N.O. Momentary .188 Gold TPB21RGRAES(*) DPDT R Momentary .188 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on “M” action switch. DPST/DPDT .043 (1.09) DIA.-TYP. .400 (10.16) .100 (2.54) .100 (2.54) DIA.-TYP. .186 (4.72) DIA. .200 (5.08) .400 (10.0) .020 (0.51) TYP. .100 (2.50) DIA. .172 (4.37) TO FLAT .260 (6.60) .120 (3.10) .030 (.767) .140 (3.60) .140 (3.60) .015 (.383) .030 (0.767) .080 (2.03) .480 (12.2) .520 (13.2) TPD SERIES TPF SERIES SEE PAGE D6 FOR PRODUCT SPECIFICATIONS |