| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE10 Fiches technique(PDF) 123 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE10 Fiches technique(HTML) 123 Page - Tyco Electronics |
|
123 / 326 page ![]() D33 D Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 BP T/M Series Pushbutton Switches, Panel Seal MATERIALS The flexible panel seal is custom molded of Neoprene rubber for long life, flexibility and chemical resistance. The threaded plastic adaptor is molded of ABS thermoplastic, is impact resistant and designed for ease of mounting. BPM For use with Miniature Pushbutton The BPM seal adaptor accommodates all AUGAT/ALCOSWITCH MPA Series of pushbutton switches utilizing the 1/4-40 threaded bushing. Part Number Tyco Alcoswitch Color* of Seal Electronics 3-1437626-0 BPM15320 Black 3-1437626-1 BPM15322 Red 3-1437626-2 BPM15328 Gray (*) Custom seal colors are available upon special request. BPT For use with Tiny Series TPF Pushbutton The BPT seal adaptor accommodates all AUGAT/ALCOSWITCH TPF Series Tiny Pushbutton switches utilizing the 1/4-40 threading bushing. Part Number Tyco Alcoswitch Color* of Seal Electronics 3-1437626-3 BPT15320 Black 3-1437626-4 BPT15322 Red 3-1437626-5 BPT15328 Grey (*) Custom seal colors are available upon special request. BPM15320 BPT15328 .750 (19.0) DIA. .547 (13.9) 1/4-40 UNS-2B 15/32 UNS-2A SPACER (LOOSE PART) HEX NUT .375 (9.53) .354 (8.99) DIA. .260 (6.60) DIA. .625 (15.9) .080 (2.03) .250 (6.35) .118 (3.00) .146 (3.71) CAP .750 (19.0) DIA. .547 (13.9) 15/32 UNS-2A HEX NUT .375 (9.53) .625 (15.9) .067 (1.70) .080 (2.03) .250 (6.35) CAP 1/4-40 UNS-2B ADAPTOR FEATURES The BP Series offers a unique means of sealing pushbutton switches, using a standard 1/4-40 threading bushing, to almost any thickness panel. Simply install the BP adaptor into a 15/32" dia. or 1/2" dia. panel opening and secure with its hex nut. The switch is then threaded into the previously mounted adaptor and tightened into place. A complete and decorative panel seal is the result of the simple process. |