| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE03S Fiches technique(PDF) 258 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03S Fiches technique(HTML) 258 Page - Tyco Electronics |
|
258 / 326 page ![]() K9 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Knobs, Machined Aluminum KN SERIES Concentric Set with Straight Knurl with Indicator Lines Tyco Electronics Alcoswitch Color A B C D E F G 5-1437622-6 KN5700A1/4 Natural .750(19.1) .500(12.7) .590(15.0) .700(17.8) .625(15.9) 1.16(29.5) .281(7.14) 5-1437622-7 KN5700B1/4 Black .750(19.1) .500(12.7) .590(15.0) .700(17.8) .625(15.9) 1.16(29.5) .281(7.14) KN SERIES 120 ° E NO. 6-32 SET SCREW 2 PLACES INDICATOR LINE (except KN-1251) A G B D C F .157 (3.99) .280 (7.11) KN500A1/4 KN900BA1/4 KN5700B1/4 120 ° TOP: 1/8" SHAFT=.126" (3.20) BOTTOM: 1/4" SHAFT=.251" (6.38) INDICATOR LINE NO. 6-32 SET SCREW 4 PLACES C E G F D B A .157 (3.99) .810 (20.60) Straight Knurl with “Crank” Spinner Tyco Color Electronics Alcoswitch Body-Top/Spin A B C D E F G KN1755AS1/4 Natural 1.76(44.7) 1.56(39.5 .138(35.0) 1.65(41.8) .630(16.0) .512(13.0) .492(12.5) 4-1437622-1 KN1755BS1/4 Black 1.76(44.7) 1.56(39.5) .138(35.0) 1.65(41.8) .630(16.0) .512(13.0) .492(12.5) 3-1437622-9 KN1755ABS1/4 Ntl.-Blk./Blk. 1.76(44.7) 1.56(39.5) 1.38(35.0) 1.65(41.8) .630(16.0) .512(13.0) .492(12.5) 4-1437622-0 KN1755BAS1/4 Blk.-Ntl. Blk. 1.76(44.7) 1.56(39.5) 1.38(35.0) 1.65(41.8) .630(16.0) .512(13.0) .492(12.5) 120 ° NO. 6-32 SET SCREW 2 PLACES A F B C D E G .512 (13.00) .157 (3.99) .276 (7.01) .315 (8.00) 1/4" SHAFT=.251" (6.38) KN SERIES Straight Knurl with & without Indicator Line Diameter Dimensions Tyco Color Electronics Alcoswitch Body-Top A B C D E F G 4-1437622-3 KN500A1/8 Natural .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 4-1437622-2 KN500A1/4 Natural .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 4-1437622-7 KN500B1/8 Black .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 4-1437622-6 KN500B1/4 Black .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 5-1437622-8 KN700A1/4 Natural .750(19.1) .695(17.7) .590(15.0) .695(17.7) .625(15.9) .512(13.0) .456(11.6) 6-1437622-0 KN700B1/4 Black .750(19.1) .695(17.7) .590(15.0) .695(17.7) .625(15.9) .512(13.0) .456(11.6) 6-1437622-6 KN900A1/4 Natural .949(24.1) .894(22.7) .696(17.7) .894(22.7) .625(15.9) .512(13.0) .456(11.6) 6-1437622-8 KN900B1/4 Black .949(24.1) .894(22.7) .696(17.7) .894(22.7) .625(15.9) .512(13.0) .456(11.7) 2-1437622-5 KN1250A1/4 Natural 1.25(31.8) 1.20(30.5) .984(25.0) 1.20(30.5) .625(15.9) .512(13.0) .456(11.6) 2-1437622-7 KN1250B1/4 Black 1.25(31.8) 1.20(30.5) .984(25.0) 1.20(30.5) .625(15.9) .512(13.0) .456(11.6) Two-Toned 4-1437622-5 KN500AB1/8 Ntl - Blk. .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 4-1437622-4 KN500AB1/4 Ntl - Blk.. .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 4-1437622-9 KN500BA1/8 Blk. - Ntl. .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 4-1437622-8 KN500BA1/4 Blk. - Ntl. .500(12.7) .445(11.3) .374(9.50) .445(11.5) .625(15.9) .512(13.0) .456(11.6) 5-1437622-9 KN700AB1/4 Ntl - Blk.. .750(19.1) .695(17.7) 445(11.5) .695(17.7) .625(15.9) .512(13.0) .456(11.6) 6-1437622-1 KN700BA1/4 Blk. - Ntl. .750(19.1) .695(17.7) 445(11.5) .695(17.7) .625(15.9) .512(13.0) .456(11.6) 6-1437622-7 KN900AB1/4 Ntl - Blk.. .949(24.1) .89422.7) .695(17.7) ..894(22.7) .625(15.9) .512(13.0) .456(11.6) 6-1437622-9 KN900BA1/4 Blk. - Ntl. .949(24.1) .894(22.7) .695(17.7) .894(22.7) .625(15.9) .512(13.0) .456(11.7) 2-1437622-6 KN1250AB1/4 Ntl - Blk.. 1.25(31.8) 1.20(30.5) .984(25.0) 1.20(30.5) .625(15.9) .512(13.0) .456(11.6) 2-1437622-8 KN1250BA1/4 Blk. - Ntl. 1.25(31.8) 1.20(30.5) .984(25.0) 1.20(30.5) .625(15.9) .512(13.0) .456(11.6) Less Indicator 2-1437622-9 KN1251A1/4 Natural 1.25(31.8) 1.20(30.5) .984(25.0) 1.25(31.7) .625(15.9) .512(13.0) .456(11.7) 3-1437622-0 KN1251B1/4 Black 1.25(31.8) 1.20(30.5) .984(25.0) 1.25(31.7) .625(15.9) .512(13.0) .456(11.7) KN1755BS1/4 |