| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE02 Fiches technique(PDF) 131 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02 Fiches technique(HTML) 131 Page - Tyco Electronics |
|
131 / 326 page ![]() TP/TPA Series D7 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D Pushbutton Switches, Tiny, Straight or Right Angle, Single or Dual Actuators SPST/SPDT TP11CGPC0 TPA11CGPC0 Model Actuator Type Dim.L Type Act. Code P. M6 Action Contact Type TP11CGRA(*) SQ. .125 SPST C N.O. Momentary Gold TP11FGRA(*) SQ. .125 SPDT F Momentary Gold TPA11CGRA(*) RND. .150 SPST C N.O. Momentary Gold TPA11FGRA(*) RND. .150 SPDT F Momentary Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "C" action switch. .080 (2.00) .150 (3.80) .320 (8.13) .030 (.760) .226 (5.74) .130 (3.30) .030 (0.76) TYP. .115 (2.92) L .140 (3.56) .320 (8.13) .020 (0.51) TYP. .206 (5.23) .043 (1.09) DIA. TYP. .200 (5.08) .200 (5.08) 12 3 SPST/SPDT Model Actuator Type Dim.L Type Act. Code P. M6 Action Contact Type TP21CCGPC(*) SQ. .125 2xSPST C N.O. Momentary Gold TPA21CCGPC(*) RND. .150 2xSPST C N.O. Momentary Gold TPA21FFGPC(*) RND. .150 2xSPDT F Momentary Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "C" action switch. SPST/SPDT (DUAL) TP21CCGPC0 ABOVE FRAME .140 (3.56) ABOVE FRAME .100 (2.54) DIA. .160 (4.06) .080 (2.00) TYP. .160 (4.06) .150 (3.81) .140 (3.56) .320 (8.13) L .130 (3.30) .360 (9.14) .320 (8.13) .200 (5.08) .043 (1.09) DIA. TYP. .200 (5.08) .030 (0.76) TYP. .020 (0.51) TYP. 1 2 3 4 5 6 Model Actuator Type Dim.L Type Act. Code P. M6 Action Contact Type TP11CGPC(*) SQ. .125 SPST C N.O. Momentary Gold TP11FGPC(*) SQ. .125 SPDT F Momentary Gold TPA11CGPC(*) RND. .150 SPST C N.O. Momentary Gold TPA11FGPC(*) RND. .150 SPDT F Momentary Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "C" action switch. .140(3.56) ABOVE FRAME 0.100(2.54) DIA. .150 (3.81) .320 (8.13) .130 (3.30) .200 (5.08) .043 (1.09) DIA. TYP. .030 (7.62) TYP. .320 (8.13) .210 (5.23) .020 (1.09) TYP. .080 (2.03) 3 2 1 L TPA11CGRA TP11CGRA TPA SERIES TP SERIES TPA SERIES TP SERIES TPA SERIES TP SERIES SEE PAGE D6 FOR PRODUCT SPECIFICATIONS |