| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F1220E/SSSQTP Fiches technique(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1220E/SSSQTP Fiches technique(HTML) 153 Page - Microchip Technology |
|
153 / 308 page ![]() © 2007 Microchip Technology Inc. DS39605F-page 151 PIC18F1220/1320 TABLE 16-8: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER RECEPTION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 — ADIF RCIF TXIF — CCP1IF TMR2IF TMR1IF -000 -000 -000 -000 PIE1 — ADIE RCIE TXIE — CCP1IE TMR2IE TMR1IE -000 -000 -000 -000 IPR1 — ADIP RCIP TXIP — CCP1IP TMR2IP TMR1IP -111 -111 -111 -111 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x RCREG EUSART Receive Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 0000 0010 0000 0010 BAUDCTL — RCIDL — SCKP BRG16 — WUE ABDEN -1-1 0-00 -1-1 0-00 SPBRGH Baud Rate Generator Register High Byte 0000 0000 0000 0000 SPBRG Baud Rate Generator Register Low Byte 0000 0000 0000 0000 Legend: x = unknown, – = unimplemented, read as ‘0’. Shaded cells are not used for synchronous master reception. |