| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F87XATI/ML Fiches technique(PDF) 209 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87XATI/ML Fiches technique(HTML) 209 Page - Microchip Technology |
|
209 / 234 page ![]() 2001-2013 Microchip Technology Inc. DS39582C-page 209 PIC16F87XA 19.0 PACKAGING INFORMATION 19.1 Package Marking Information 40-Lead PDIP XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX YYWWNNN Example PIC16F877A/P 0310017 44-Lead TQFP XXXXXXXXXX XXXXXXXXXX XXXXXXXXXX YYWWNNN Example PIC16F877A /PT 0310017 44-Lead PLCC XXXXXXXXXX XXXXXXXXXX XXXXXXXXXX YYWWNNN Example PIC16F877A -20/L 0310017 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |