Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC9S08SH4MPJR Fiches technique(PDF) 188 Page - Freescale Semiconductor, Inc

No de pièce MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Fiches technique(HTML) 188 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 184Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 185Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 186Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 187Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 188Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 189Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 190Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 191Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 192Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 341 page
background image
Chapter 12 Modulo Timer (S08MTIMV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
184
Freescale Semiconductor
Figure 12-1. MC9S08SH8 Block Diagram Highlighting the MTIM Module
PTB7/SCL/EXTAL
PTB6/SDA/XTAL
PTB5/TPM1CH1/SS
PTB4/TPM2CH1/MISO
PTB3/PIB3/MOSI/ADP7
PTB2/PIB2/SPSCK/ADP6
PTA1/PIA1/TPM2CH0/ADP1/ACMP–
PTB1/PIB1/TxD/ADP5
PTB0/PIB0/RxD/ADP4
PTC3/ADP11
PTC2/ADP10
PTC1/TPM1CH1/ADP9
PTC0/TPM1CH0/ADP8
PTA3/PAI3/SCL/ADP3
PTA2/PAI2/SDA/ADP2
PTA0/PIA0/TPM1CH0/ADP0/ACMP+
Pin can be enabled as part of the ganged output drive feature
PTA4/ACMPO/BKGD/MS
PTA5/IRQ/TCLK/RESET
NOTE 1: Port B not available on 8-pin packages
SEE NOTE 1
SEE NOTE 1, 2
NOTE 2: Port C not available on 8-pin or 16-pin packages
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI)
USER FLASH
USER RAM
HCS08 CORE
CPU
BDC
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
LVD
INTERFACE MODULE (SCI)
SERIAL COMMUNICATIONS
8-BIT MODULO TIMER
MODULE (MTIM)
VOLTAGE REGULATOR
DEBUG MODULE (DBG)
MISO
SCL
SDA
MOSI
SPSCK
RxD
TxD
LOW-POWER OSCILLATOR
40-MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 38.4 kHz
1 MHz to 16 MHz
(XOSC)
EXTAL
XTAL
VSS
VDD
VSSA
VDDA
VREFL
VREFH
ANALOG-TO-DIGITAL
CONVERTER (ADC)
10-BIT
SS
TCLK
BKGD/MS
16-BIT TIMER/PWM
MODULE (TPM2)
TCLK
REAL-TIME COUNTER (RTC)
(MC9S08SH8 = 8,192 BYTES)
(MC9S08SH4 = 4096 BYTES)
(MC9S08SH8 = 512 BYTES)
ANALOG COMPARATOR
(ACMP)
ACMPO
ACMP–
ACMP+
TPM2CH0
TPM2CH1
ADP11-ADP0
16-BIT TIMER/PWM
MODULE (TPM1)
TCLK
TPM1CH0
TPM1CH1
IRQ
IRQ
(MC9S08SH4 = 256 BYTES)
NOTE 3: VDDA/VREFH and VSSA/VREFL, are double bonded to VDD and VSS respectively.
NOTES
=
SEE NOTE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com