Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC9S08SH4MPJR Fiches technique(PDF) 133 Page - Freescale Semiconductor, Inc

No de pièce MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Fiches technique(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 134Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 136Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
129
9.3.2
Status and Control Register 2 (ADCSC2)
The ADCSC2 register is used to control the compare function, conversion trigger and conversion active of
the ADC module.
Figure 9-5. Status and Control Register 2 (ADCSC2)
01000
AD8
11000
AD24
01001
AD9
11001
AD25
01010
AD10
11010
AD26
01011
AD11
11011
AD27
01100
AD12
11100
Reserved
01101
AD13
11101
VREFH
01110
AD14
11110
VREFL
01111
AD15
11111
Module disabled
7654
3
210
RADACT
ADTRG
ACFE
ACFGT
00
R1
1 Bits 1 and 0 are reserved bits that must always be written to 0.
R1
W
Reset:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Table 9-4. ADCSC2 Register Field Descriptions
Field
Description
7
ADACT
Conversion Active — ADACT indicates that a conversion is in progress. ADACT is set when a conversion is
initiated and cleared when a conversion is completed or aborted.
0 Conversion not in progress
1 Conversion in progress
6
ADTRG
Conversion Trigger Select — ADTRG is used to select the type of trigger to be used for initiating a conversion.
Two types of trigger are selectable: software trigger and hardware trigger. When software trigger is selected, a
conversion is initiated following a write to ADCSC1. When hardware trigger is selected, a conversion is initiated
following the assertion of the ADHWT input.
0 Software trigger selected
1 Hardware trigger selected
Figure 9-4. Input Channel Select (continued)
ADCH
Input Select
ADCH
Input Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com