| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72262G Fiches technique(PDF) 164 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72262G Fiches technique(HTML) 164 Page - STMicroelectronics |
|
164 / 172 page ![]() ST72260Gx, ST72262Gx, ST72264Gx 164/172 15.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE Customer code is made up of the ROM/FAS- TROM contents and the list of the selected options (if any). The ROM/FASTROM contents are to be sent on diskette, or by electronic means, with the S19 hexadecimal file generated by the develop- ment tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed OPTION LIST appended. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Table 28. Supported Part Numbers Part Number Program Memory (Bytes) RAM (Bytes) Temp. Range Package ST72F264G1B6 4K FLASH 256 -40°C +85°C SDIP32 ST72F264G1M6 SO28 ST72F262G1B6 SDIP32 ST72F262G1M6 SO28 ST72F264G2B6 8K FLASH 256 SDIP32 ST72F264G2M6 SO28 ST72F264G2H1 0°C +70°C LFBGA ST72F264G2H6E -40°C +85°C lead-free LFBGA ST72F262G2B6 -40°C +85°C SDIP32 ST72F262G2M6 SO28 ST72F262G1B6 4K FLASH 256 SDIP32 ST72F262G1M6 SO28 ST72F260G1B6 SDIP32 ST72F260G1M6 SO28 ST72P264G2B6/xxx 8K FASTROM 256 -40°C +85°C SDIP32 ST72P264G2M6/xxx SO28 ST72P264G2H1/xxx 0°C +70°C LFBGA ST72P262G2B6/xxx -40°C +85°C SDIP32 ST72P262G2M6/xxx SO28 ST72P262G1B6/xxx 4K FASTROM 256 SDIP32 ST72P262G1M6/xxx SO28 ST72P260G1B6/xxx SDIP32 ST72P260G1M6/xxx SO28 ST72264G2B6/xxx 8K ROM 256 -40°C +85°C SDIP32 ST72264G2M6/xxx SO28 ST72262G2B6/xxx SDIP32 ST72262G2M6/xxx SO28 ST72262G1B6/xxx 4K ROM 256 SDIP32 ST72262G1M6/xxx SO28 ST72260G1B6/xxx SDIP32 ST72260G1M6/xxx SO28 1 |