Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJMC304IMM Fiches technique(PDF) 161 Page - Microchip Technology

No de pièce DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Fiches technique(HTML) 161 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 157Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 158Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 159Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 160Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 161Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 162Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 163Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 164Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 161
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
FIGURE 15-2:
2-CHANNEL PWM MODULE BLOCK DIAGRAM (PWM2)
P2DC1
P2DC1Buffer
PWM2CON1
PWM2CON2
P2TPER
Comparator
Comparator
Channel 1 Dead-Time
Generator and
P2TCON
P2SECMP
Comparator
Special Event Trigger
P2OVDCON
PWM Enable and Mode SFRs
PWM Manual
Control SFR
PWM Generator 1
SEVTDIR
PTDIR
P2DTCON1
Dead-Time Control SFRs
PWM2L1
PWM2H1
P2DTCON2
P2FLTACON
Fault Pin Control SFRs
PWM Time Base
Output
Driver
Block
FLTA2
Override Logic
Special Event
Postscaler
P2TPER Buffer
P2TMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More