Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJMC204HSS Fiches technique(PDF) 186 Page - Microchip Technology

No de pièce DSPIC33FJMC204HSS
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSS Fiches technique(HTML) 186 Page - Microchip Technology

Back Button DSPIC33FJMC204HSS Datasheet HTML 182Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 183Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 184Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 185Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 186Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 187Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 188Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 189Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 186
© 2007-2012 Microchip Technology Inc.
FIGURE 18-1:
I2C™ BLOCK DIAGRAM (X = 1)
Internal
Data Bus
SCLx
SDAx
Shift
Match Detect
I2CxADD
Start and Stop
Bit Detect
Clock
Address Match
Clock
Stretching
I2CxTRN
LSb
Shift Clock
BRG Down Counter
Reload
Control
TCY/2
Start and Stop
Bit Generation
Acknowledge
Generation
Collision
Detect
I2CxCON
I2CxSTAT
Read
LSb
Write
Read
I2CxBRG
I2CxRSR
Write
Read
Write
Read
Write
Read
Write
Read
Write
Read
I2CxMSK
I2CxRCV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More