Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJMC204HSS Fiches technique(PDF) 324 Page - Microchip Technology

No de pièce DSPIC33FJMC204HSS
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSS Fiches technique(HTML) 324 Page - Microchip Technology

Back Button DSPIC33FJMC204HSS Datasheet HTML 320Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 321Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 322Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 323Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 324Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 325Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 326Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 327Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 328Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 324
© 2007-2012 Microchip Technology Inc.
SPIx Module Slave Mode (CKE = 1)......................... 287
Timing Specifications
10-bit ADC Conversion Requirements...................... 279
12-bit ADC Conversion Requirements...................... 277
I2Cx Bus Data Requirements (Master Mode) ........... 271
I2Cx Bus Data Requirements (Slave Mode) ............. 273
Motor Control PWM Requirements ........................... 255
Output Compare Requirements ................................ 253
PLL Clock.......................................................... 246, 285
QEI External Clock Requirements ............................ 252
QEI Index Pulse Requirements................................. 257
Quadrature Decoder Requirements.......................... 256
Reset, Watchdog Timer, Oscillator Start-up Timer,
Power-up Timer and Brown-out
Reset Requirements ......................................... 249
Simple OC/PWM Mode Requirements ..................... 254
Timer1 External Clock Requirements ....................... 250
Timer2 External Clock Requirements ....................... 251
Timer3 External Clock Requirements ....................... 251
U
UART Module
UART1 Register Map.................................................. 39
Universal Asynchronous Receiver Transmitter (UART) ... 193
Using the RCON Status Bits............................................... 69
V
Voltage Regulator (On-Chip) ............................................ 215
W
Watchdog Time-out Reset (WDTR).................................... 68
Watchdog Timer (WDT)............................................ 211, 216
Programming Considerations ................................... 216
WWW Address ................................................................. 325
WWW, On-Line Support ....................................................... 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More