Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJMC204ESS Fiches technique(PDF) 296 Page - Microchip Technology

No de pièce DSPIC33FJMC204ESS
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204ESS Fiches technique(HTML) 296 Page - Microchip Technology

Back Button DSPIC33FJMC204ESS Datasheet HTML 292Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 293Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 294Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 295Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 296Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 297Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 298Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 299Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 296
© 2007-2012 Microchip Technology Inc.
27.1
Package Marking Information (Continued)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
If the full Microchip part number cannot be marked on one line, it is carried over to the next
line, thus limiting the number of available characters for customer-specific information.
3
e
3
e
28-Lead QFN-S
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
33FJ32MC
202E/MM
0730235
XXXXXXXXXX
44-Lead QFN
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
dsPIC33FJ32
Example
MC204-E/ML
0730235
44-Lead TQFP
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ
32MC204
0730235
-E/PT
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More