| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJMC302ESS Fiches technique(PDF) 226 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC302ESS Fiches technique(HTML) 226 Page - Microchip Technology |
|
226 / 330 page ![]() dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 DS70283K-page 226 © 2007-2012 Microchip Technology Inc. 66 RRNC RRNC f f = Rotate Right (No Carry) f 1 1 N,Z RRNC f,WREG WREG = Rotate Right (No Carry) f 1 1 N,Z RRNC Ws,Wd Wd = Rotate Right (No Carry) Ws 1 1 N,Z 67 SAC SAC Acc,#Slit4,Wdo Store Accumulator 1 1 None SAC.R Acc,#Slit4,Wdo Store Rounded Accumulator 1 1 None 68 SE SE Ws,Wnd Wnd = sign-extended Ws 1 1 C,N,Z 69 SETM SETM f f = 0xFFFF 1 1 None SETM WREG WREG = 0xFFFF 1 1 None SETM Ws Ws = 0xFFFF 1 1 None 70 SFTAC SFTAC Acc,Wn Arithmetic Shift Accumulator by (Wn) 1 1 OA,OB,OAB, SA,SB,SAB SFTAC Acc,#Slit6 Arithmetic Shift Accumulator by Slit6 1 1 OA,OB,OAB, SA,SB,SAB 71 SL SL f f = Left Shift f 1 1 C,N,OV,Z SL f,WREG WREG = Left Shift f 1 1 C,N,OV,Z SL Ws,Wd Wd = Left Shift Ws 1 1 C,N,OV,Z SL Wb,Wns,Wnd Wnd = Left Shift Wb by Wns 1 1 N,Z SL Wb,#lit5,Wnd Wnd = Left Shift Wb by lit5 1 1 N,Z 72 SUB SUB Acc Subtract Accumulators 1 1 OA,OB,OAB, SA,SB,SAB SUB f f = f - WREG 1 1 C,DC,N,OV,Z SUB f,WREG WREG = f - WREG 1 1 C,DC,N,OV,Z SUB #lit10,Wn Wn = Wn - lit10 1 1 C,DC,N,OV,Z SUB Wb,Ws,Wd Wd = Wb - Ws 1 1 C,DC,N,OV,Z SUB Wb,#lit5,Wd Wd = Wb - lit5 1 1 C,DC,N,OV,Z 73 SUBB SUBB f f = f - WREG - (C) 1 1 C,DC,N,OV,Z SUBB f,WREG WREG = f - WREG - (C) 1 1 C,DC,N,OV,Z SUBB #lit10,Wn Wn = Wn - lit10 - (C) 1 1 C,DC,N,OV,Z SUBB Wb,Ws,Wd Wd = Wb - Ws - (C) 1 1 C,DC,N,OV,Z SUBB Wb,#lit5,Wd Wd = Wb - lit5 - (C) 1 1 C,DC,N,OV,Z 74 SUBR SUBR f f = WREG - f 1 1 C,DC,N,OV,Z SUBR f,WREG WREG = WREG - f 1 1 C,DC,N,OV,Z SUBR Wb,Ws,Wd Wd = Ws - Wb 1 1 C,DC,N,OV,Z SUBR Wb,#lit5,Wd Wd = lit5 - Wb 1 1 C,DC,N,OV,Z 75 SUBBR SUBBR f f = WREG - f - (C) 1 1 C,DC,N,OV,Z SUBBR f,WREG WREG = WREG - f - (C) 1 1 C,DC,N,OV,Z SUBBR Wb,Ws,Wd Wd = Ws - Wb - (C) 1 1 C,DC,N,OV,Z SUBBR Wb,#lit5,Wd Wd = lit5 - Wb - (C) 1 1 C,DC,N,OV,Z 76 SWAP SWAP.b Wn Wn = nibble swap Wn 1 1 None SWAP Wn Wn = byte swap Wn 1 1 None 77 TBLRDH TBLRDH Ws,Wd Read Prog<23:16> to Wd<7:0> 1 2 None 78 TBLRDL TBLRDL Ws,Wd Read Prog<15:0> to Wd 1 2 None 79 TBLWTH TBLWTH Ws,Wd Write Ws<7:0> to Prog<23:16> 1 2 None 80 TBLWTL TBLWTL Ws,Wd Write Ws to Prog<15:0> 1 2 None 81 ULNK ULNK Unlink Frame Pointer 1 1 None 82 XOR XOR f f = f .XOR. WREG 1 1 N,Z XOR f,WREG WREG = f .XOR. WREG 1 1 N,Z XOR #lit10,Wn Wd = lit10 .XOR. Wd 1 1 N,Z XOR Wb,Ws,Wd Wd = Wb .XOR. Ws 1 1 N,Z XOR Wb,#lit5,Wd Wd = Wb .XOR. lit5 1 1 N,Z 83 ZE ZE Ws,Wnd Wnd = Zero-extend Ws 1 1 C,Z,N TABLE 22-2: INSTRUCTION SET OVERVIEW (CONTINUED) Base Instr # Assembly Mnemonic Assembly Syntax Description # of Words # of Cycles Status Flags Affected |