Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJMC202ESS Fiches technique(PDF) 148 Page - Microchip Technology

No de pièce DSPIC33FJMC202ESS
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC202ESS Fiches technique(HTML) 148 Page - Microchip Technology

Back Button DSPIC33FJMC202ESS Datasheet HTML 144Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 145Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 146Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 147Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 148Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 149Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 150Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 151Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 148
© 2007-2012 Microchip Technology Inc.
FIGURE 12-1:
TIMER2/3 (32-BIT) BLOCK DIAGRAM(1)
FIGURE 12-2:
TIMER2 (16-BIT) BLOCK DIAGRAM
Set T3IF
Equal
Comparator
PR3
PR2
Reset
LSb
MSb
Note 1:
The 32-bit timer control bit, T32, must be set for 32-bit timer/counter operation. All control bits are respective to the
T2CON register.
2:
The ADC event trigger is available only on Timer2/3.
Data Bus<15:0>
TMR3HLD
Read TMR2
Write TMR2
16
16
16
Q
Q
D
CK
TGATE
0
1
TON
TCKPS<1:0>
2
TCY
TCS
1x
01
TGATE
00
T2CK
ADC Event Trigger(2)
Gate
Sync
Prescaler
1, 8, 64, 256
Sync
TMR3
TMR2
16
TON
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TCY
TCS
TGATE
T2CK
PR2
Set T2IF
Equal
Comparator
TMR2
Reset
Q
QD
CK
TGATE
1
0
Gate
Sync
1x
01
00
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More