Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F883-ESSQTP Fiches technique(PDF) 307 Page - Microchip Technology

No de pièce PIC16F883-ESSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSQTP Fiches technique(HTML) 307 Page - Microchip Technology

Back Button PIC16F883-ESSQTP Datasheet HTML 303Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 304Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 305Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 306Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 307Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 308Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 309Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 310Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 307
PIC16F882/883/884/886/887
19.1
Package Marking Information (Continued)
44-Lead TQFP (10x10x1 mm)
Example
XXXXXXXXXX
YYWWNNN
XXXXXXXXXX
XXXXXXXXXX
PIC16F887
-I/PT
1231220
3
e
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More