Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJMC204HSP Fiches technique(PDF) 200 Page - Microchip Technology

No de pièce DSPIC33FJMC204HSP
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSP Fiches technique(HTML) 200 Page - Microchip Technology

Back Button DSPIC33FJMC204HSP Datasheet HTML 196Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 197Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 198Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 199Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 200Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 201Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 202Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 203Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 200
© 2007-2012 Microchip Technology Inc.
FIGURE 20-1:
ADC1 MODULE BLOCK DIAGRAM FOR dsPIC33FJ16MC304 AND
dsPIC33FJ32MC204 DEVICES
SAR ADC
S/H0
S/H1
ADC1BUF0
ADC1BUF1
ADC1BUF2
ADC1BUFF
ADC1BUFE
AN0
AN8
AN1
VREFL
CH0SB<4:0>
CH0NA CH0NB
+
-
AN0
AN3
CH123SA
VREFL
CH123SB
CH123NA CH123NB
AN6
+
-
S/H2
AN1
AN4
CH123SA
VREFL
CH123SB
CH123NA CH123NB
AN7
+
-
S/H3
AN2
AN5
CH123SA
VREFL
CH123SB
CH123NA CH123NB
AN8
+
-
CH0
CH0SA<4:0>
CHANNEL
SCAN
CSCNA
Alternate
Input Selection
VREFH
VREFL
CH1(2)
CH2(2)
CH3(2)
Note
1:
VREF+, VREF- inputs can be multiplexed with other analog inputs.
2:
Channels 1, 2 and 3 are not applicable for the 12-bit mode of operation.
AVDD
AVSS
VREF-(1)
VREF+(1)
VCFG<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More