| Moteur de recherche de fiches techniques de composants électroniques |
|
S12OSCV2D Fiches technique(PDF) 113 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12OSCV2D Fiches technique(HTML) 113 Page - Freescale Semiconductor, Inc |
|
113 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 113 A.7 SPI A.7.1 Master Mode Figure A-5 and Figure A-6 illustrate the master mode timing. Timing values are shown in Table A-18. Figure A-5 SPI Master Timing (CPHA = 0) SCK (OUTPUT) SCK (OUTPUT) MISO (INPUT) MOSI (OUTPUT) SS1 (OUTPUT) 1 9 5 6 MSB IN2 BIT 6 . . . 1 LSB IN MSB OUT2 LSB OUT BIT 6 . . . 1 10 4 4 2 9 (CPOL = 0) (CPOL = 1) 3 11 12 1. If configured as output. 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB. |