![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
ECQP1H181JZAD Fiches technique(PDF) 5 Page - Panasonic Battery Group |
|
|
ECQP1H181JZAD Fiches technique(HTML) 5 Page - Panasonic Battery Group |
5 / 6 page ![]() Panasonic Plastic Film Capacitors Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. sRating, Dimensions & Quantity/Ammo Box qRated voltage : 100VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J) Only ± 5 % (J) is available from 0.0001 to 0.00043 µF,Only ± 2 % (G),± 5 % (J) is available from 0.00047 to 0.00091µF Part No. ECQP1101JZ( ) ECQP1111JZ( ) ECQP1121JZ( ) ECQP1131JZ( ) ECQP1151JZ( ) ECQP1161JZ( ) ECQP1181JZ( ) ECQP1201JZ( ) ECQP1221JZ( ) ECQP1241JZ( ) ECQP1271JZ( ) ECQP1301JZ( ) ECQP1331JZ( ) ECQP1361JZ( ) ECQP1391JZ( ) ECQP1431JZ( ) ECQP1471MZ( ) ECQP1511MZ( ) ECQP1561MZ( ) ECQP1621MZ( ) ECQP1681MZ( ) ECQP1751MZ( ) ECQP1821MZ( ) ECQP1911MZ( ) ECQP1102MZ( ) ECQP1112MZ( ) ECQP1122MZ( ) ECQP1132MZ( ) ECQP1152MZ( ) ECQP1162MZ( ) ECQP1182MZ( ) ECQP1202MZ( ) ECQP1222MZ( ) ECQP1242MZ( ) ECQP1272MZ( ) ECQP1302MZ( ) ECQP1332MZ( ) ECQP1362MZ( ) ECQP1392MZ( ) ECQP1432MZ( ) ECQP1472MZ( ) ECQP1512MZ( ) ECQP1562MZ( ) ECQP1622MZ( ) ECQP1682MZ( ) 0.0001 10.0 5.0 13.0 5.0 0.60 0.00011 10.0 5.0 13.0 5.0 0.60 0.00012 10.0 5.0 13.0 5.0 0.60 0.00013 10.0 5.0 13.0 5.0 0.60 0.00015 10.0 5.0 13.0 5.0 0.60 0.00016 10.0 5.0 13.0 5.0 0.60 0.00018 10.0 5.0 13.0 5.0 0.60 0.0002 10.0 5.0 13.0 5.0 0.60 0.00022 10.0 5.0 13.0 5.0 0.60 0.00024 10.0 5.0 13.0 5.0 0.60 0.00027 10.0 5.0 13.0 5.0 0.60 0.0003 10.0 5.0 13.0 5.0 0.60 0.00033 10.0 5.0 13.0 5.0 0.60 0.00036 10.0 5.0 13.0 5.0 0.60 0.00039 10.0 5.0 13.0 5.0 0.60 0.00043 10.0 5.0 13.0 5.0 0.60 0.00047 10.0 5.0 13.0 5.0 0.60 0.00051 10.0 5.0 13.0 5.0 0.60 0.00056 10.0 5.0 13.0 5.0 0.60 0.00062 10.0 5.0 13.0 5.0 0.60 0.00068 10.0 5.0 13.0 5.0 0.60 0.00075 10.0 5.0 13.0 5.0 0.60 0.00082 10.0 5.0 13.0 5.0 0.60 0.00091 10.0 5.0 13.0 5.0 0.60 0.001 10.0 5.0 13.0 5.0 0.60 0.0011 10.0 5.0 13.0 5.0 0.60 0.0012 10.0 5.0 13.0 5.0 0.60 0.0013 10.0 5.0 13.0 5.0 0.60 0.0015 10.0 5.0 13.0 5.0 0.60 0.0016 10.0 5.0 13.0 5.0 0.60 0.0018 10.0 5.0 13.0 5.0 0.60 0.002 10.0 5.0 13.0 5.0 0.60 0.0022 10.0 5.0 13.0 5.0 0.60 0.0024 10.0 5.0 13.0 5.0 0.60 0.0027 10.0 5.0 13.0 5.0 0.60 0.003 10.0 5.0 13.0 5.0 0.60 0.0033 10.0 5.0 13.0 5.0 0.60 0.0036 10.0 5.0 13.0 5.0 0.60 0.0039 10.0 5.0 13.0 5.0 0.60 0.0043 10.0 5.0 13.0 5.0 0.60 0.0047 10.0 5.0 13.0 5.0 0.60 0.0051 10.0 5.0 13.0 5.0 0.60 0.0056 10.0 5.0 13.0 5.0 0.60 0.0062 10.0 5.5 13.0 5.0 0.60 0.0068 10.0 5.5 13.0 5.0 0.60 Cap. (µF) Quantity Ammo 1000 Dimensions (mm) L max. T max. H max. S ød StyleN:0.0001 to 0.0068 µF Suffix for lead crimped or taped type Cap. tol. code vv |
Numéro de pièce similaire - ECQP1H181JZAD |
|
Description similaire - ECQP1H181JZAD |
|
|
Lien URL |