| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS72 Fiches technique(PDF) 122 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 Fiches technique(HTML) 122 Page - Texas Instruments |
|
122 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com This section includes the maximum power consumption for each power domain (core, IVA2, etc.). Table 3-2 summarizes the power consumption at the ball level. Table 3-2. Estimated Maximum Power Consumption At Ball Level PARAMETER MAX MAX UNIT ( T = 90 °C) ( T = 105 °C) Signal Description vdd_mpu_iva Processors(1) OMAP3530/25 (SmartReflex™ Enabled- OPP5) 994 1051 mA OMAP3530/25 (SmartReflex™ Disabled - OPP5) 1236 1317 mA OMAP3530 (SmartReflex™ Enabled - OPP6) 1177 1233 mA OMAP3530 (SmartReflex™ Disabled - OPP6) 1457 1538 mA vdd_core Core(1) OMAP3530 (SmartReflex™ Enabled - OPP5/6) 439 489 mA OMAP3530 (SmartReflex™ Disabled - OPP5/6) 539 609 mA OMAP3525 (SmartReflex™ Enabled - OPP5) 353 403 mA OMAP3525(SmartReflex™ Disabled - OPP5) 438 507 mA vdda_dac Video DAC 65 65 mA vdss_dpll_dll DLL + DPLL MPU, DSP, and core 25 25 mA vdds_dpll_per DPLL peripheral 1 and peripheral 2 15 15 mA vdds_sram Processors and core LDO (LDO1 and LDO2) 41 41 mA vdds_wkup_bg Bandgap, wakeup + LDO, EMU off 6 6 mA vdds_mem Standard I/Os (SDRC+GPMC) 37 37 mA vdds Standard I/Os (all excluding SDRC and GPMC) 63 63 mA vdds_mmc1 MMC I/O(2) 20 20 mA vdds_mmc1a Power supply for MMC IO [DAT4 – DAT7] 2 2 mA vpp eFuse 50 50 mA (1) OPP6 is only supported on high-speed grade OMAP3530 devices. (2) MMC card and I/O card are not included. ELECTRICAL CHARACTERISTICS 122 Submit Documentation Feedback |