| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS72 Fiches technique(PDF) 154 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 Fiches technique(HTML) 154 Page - Texas Instruments |
|
154 / 264 page ![]() 6.3 Timing Parameters OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com The timing parameter symbols used in the timing requirement and switching characteristic tables are created in accordance with JEDEC Standard 100. To shorten the symbols, some pin names and other related terminologies have been abbreviated as follows: Table 6-1. Timing Parameters LOWERCASE SUBSCRIPTS Symbols Parameter c Cycle time (period) d Delay time dis Disable time en Enable time h Hold time su Setup time START Start bit t Transition time v Valid time w Pulse duration (width) X Unknown, changing, or don’t care level H High L Low V Valid IV Invalid AE Active Edge FE First Edge LE Last Edge Z High impedance TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 154 Submit Documentation Feedback |