| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBC Fiches technique(PDF) 118 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC Fiches technique(HTML) 118 Page - Texas Instruments |
|
118 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Table 2-28. CBB Package Feed-Through Balls (continued) NC No Connect AB1 AG1 pop_ab1_ag1 NC No Connect AB2 NA NA NC No Connect AB22 NA NA NC No Connect AB23 AG28 pop_ab23_ag28 NC No Connect AC1 AH1 pop_ac1_ah1 NC No Connect AC2 AH2 pop_ac2_ah2 NC No Connect AC22 AH27 pop_ac22_ah27 NC No Connect AC23 AH28 pop_ac23_ah28 NC No Connect B1 B1 NA NC No Connect B2 NA NA NC No Connect B22 NA NA NC No Connect B23 B28 pop_b23_b28 f-rst#, rp# Flash reset AB11 AG13 pop_ab11_ag13 d-tq DDR temperature alert AC14 AH16 pop_ac14_ah16 vss Shared Ground AA2 AA2 pop_aa2_aa2 vss Shared Ground U2 AF2 pop_u2_af2 vss Shared Ground AA22 AF27 pop_aa22_af27 vss Shared Ground AB8 AG10 pop_ab8_ag10 vss Shared Ground AB13 AG15 pop_ab13_ag15 vss Shared Ground B12 B15 pop_b12_b15 vss Shared Ground H22 J27 pop_h22_j27 vss Shared Ground K2 M2 pop_k2_m2 vss Shared Ground K22 M26 pop_k22_m26 vss Shared Ground L2 N2 pop_l2_n2 TERMINAL DESCRIPTION 118 Submit Documentation Feedback |