Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F883-E/SO. Fiches technique(PDF) 125 Page - Microchip Technology

No de pièce PIC16F883-E/SO.
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SO. Fiches technique(HTML) 125 Page - Microchip Technology

Back Button PIC16F883-E/SO. Datasheet HTML 121Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 122Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 123Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 124Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 125Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 126Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 127Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 128Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 125
PIC16F882/883/884/886/887
TABLE 10-1:
SUMMARY OF REGISTERS ASSOCIATED WITH DATA EEPROM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
EECON1 EEPGD
—
—
—
WRERR
WREN
WR
RD
117
EECON2 EEPROM Control Register 2 (not a physical register)
—
EEADR
EEADR7 EEADR6 EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
116
EEADRH
—
—
—
EEADRH4(1) EEADRH3 EEADRH2 EEADRH1 EEADRH0
116
EEDAT
EEDAT7 EEDAT6 EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
116
EEDATH
—
—
EEDATH5
EEDATH4
EEDATH3 EEDATH2 EEDATH1 EEDATH0
116
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
33
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
ULPWUIE
—
CCP2IE
35
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
ULPWUIF
—
CCP2IF
37
Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends upon condition.
Shaded cells are not used by data EEPROM module.
Note 1: PIC16F886/PIC16F887 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More