Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCMXO2-256ZE-3TG100C Fiches technique(PDF) 106 Page - Lattice Semiconductor

No de pièce LCMXO2-256ZE-3TG100C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3TG100C Fiches technique(HTML) 106 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3TG100C Datasheet HTML 98Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 99Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 100Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 101Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 102Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 103Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 104Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 105Page - Lattice Semiconductor LCMXO2-256ZE-3TG100C Datasheet HTML 106Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 106 / 106 page
background image
7-3
Revision History
MachXO2 Family Data Sheet
March 2012
(cont.)
01.8
(cont.)
Pinout Information
(cont.)
Added 32 QFN package to Pin Information Summary table.
Ordering Information
Updated Part Number Description and Ordering Information tables for
32 QFN package.
Updated topside mark diagram in the Ordering Information section.
April 2012
01.9
Architecture
Removed references to TN1200.
Ordering Information
Updated the Device Status portion of the MachXO2 Part Number
Description to include the 50 parts per reel for the WLCSP package.
Added new part number and footnote 2 for LCMXO2-1200ZE-
1UWG25ITR50.
Updated footnote 1 for LCMXO2-1200ZE-1UWG25ITR.
Supplemental
Information
Removed references to TN1200.
January 2013
02.0
Introduction
Updated the total number IOs to include JTAGENB.
Architecture
Supported Output Standards table – Added 3.3 VCCIO (Typ.) to LVDS
row.
Changed SRAM CRC Error Detection to Soft Error Detection.
DC and Switching
Characteristics
Power Supply Ramp Rates table – Updated Units column for tRAMP
symbol.
Added new Maximum sysIO Buffer Performance table.
sysCLOCK PLL Timing table – Updated Min. column values for fIN, fOUT,
fOUT2 and fPFD parameters. Added tSPO parameter. Updated footnote 6.
MachXO2 Oscillator Output Frequency table – Updated symbol name
for tSTABLEOSC.
DC Electrical Characteristics table – Updated conditions for IIL, IIH sym-
bols.
Corrected parameters tDQVBS and tDQVAS
Corrected MachXO2 ZE parameters tDVADQ and tDVEDQ
Pinout Information
Included the MachXO2-4000HE 184 csBGA package.
Ordering Information
Updated part number.
Date
Version
Section
Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More