| Moteur de recherche de fiches techniques de composants électroniques |
|
SE8 Fiches technique(PDF) 414 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE8 Fiches technique(HTML) 414 Page - Microchip Technology |
|
414 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 414 2010-2012 Microchip Technology Inc. FIGURE 30-16: SPI MASTER MODE TIMING (CKE = 0, SMP = 0) FIGURE 30-17: SPI MASTER MODE TIMING (CKE = 1, SMP = 1) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In LSb In bit 6 - - - -1 Note: Refer to Figure 30-5 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP81 SP71 SP72 SP74 SP75, SP76 SP78 SP80 MSb SP79 SP73 MSb In bit 6 - - - - - -1 LSb In bit 6 - - - -1 LSb Note: Refer to Figure 30-5 for load conditions. |