Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F302CC Fiches technique(PDF) 119 Page - STMicroelectronics

No de pièce STM32F302CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302CC Fiches technique(HTML) 119 Page - STMicroelectronics

Back Button STM32F302CC Datasheet HTML 115Page - STMicroelectronics STM32F302CC Datasheet HTML 116Page - STMicroelectronics STM32F302CC Datasheet HTML 117Page - STMicroelectronics STM32F302CC Datasheet HTML 118Page - STMicroelectronics STM32F302CC Datasheet HTML 119Page - STMicroelectronics STM32F302CC Datasheet HTML 120Page - STMicroelectronics STM32F302CC Datasheet HTML 121Page - STMicroelectronics STM32F302CC Datasheet HTML 122Page - STMicroelectronics STM32F302CC Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 133 page
background image
STM32F302xx/STM32F303xx
Package characteristics
Doc ID 023353 Rev 5
119/133
7
Package characteristics
7.1
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More