Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CJ1W-ID211 Fiches technique(PDF) 10 Page - Omron Electronics LLC

No de pièce CJ1W-ID211
Description  System Configuration
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-ID211 Fiches technique(HTML) 10 Page - Omron Electronics LLC

Back Button CJ1W-ID211 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 9Page - Omron Electronics LLC CJ1W-ID211 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
System Power and Expansion
B-117
Programmable Controller
CJ1
Expansion Rack Configuration Checklist
J Expansion Rack Configuration
CJ1 Series Expansion Racks can be connected to CJ1 Series CPU Racks or other CJ1 Series Expansion Racks.
Rack
Configuration
Requirements
CJ1 Series Expansion
Rack
CJ1 Series Power Supply Unit
One of each Module required for every Expansion Rack. Connect
the I/O Interface Module to the right of the Power Supply Unit
Rack
I/O Interface Module CJ1W-II101
(Provided with 1 End Cover as a
standard accessory.)
the I/O Interface Module to the right of the Power Supply Unit.
Note: An I/O Control Module is required for each CJ1 Series
Expansion Rack.
CJ1 Series Basic I/O Module
Total number of Modules: 10 Modules max.
(M
ti
11
M d l
ill
lt i
f t l
)
CJ1 Series Special I/O Module
(Mounting 11 or more Modules will result in a fatal error.)
CJ1 Series CPU Bus Module
CS1/CJ1 Series I/O Connecting Cable
Required to connect I/O Control Modules to I/O Interface
Modules.
Note: The total length of CS1/CJ1 Series I/O Connecting Cable
used in the system must not exceed 12 m. Correct
operation is not ensured if the total cable length exceeds
12 m.
J Capacity Overview
CPU Models
Maximum I/O Modules per CPU
(depending on power supply capacity)
Maximum I/O Expansion Racks per CPU
(depending on power supply capacity)
CJ1M-CPU13
20
1
CJ1M-CPU23
CJ1G-CPU42H
30
2
CJ1G-CPU43H
CJ1G-CPU44H
40
3
CJ1G-CPU45H
CJ1H-CPU65H
CJ1H-CPU66H
J Products Used in Expansion Racks
Item
Model
Specifications
Cable
Length
CJ1 Series Power
S
l U it
CJ1W-PA205R
100 to 240 VAC (with RUN output), output capacity: 5 A, 5 VDC
Supply Unit
CJ1W-PA202
100 to 240 VAC, output capacity: 2.8 A, 5 VDC
CJ1W-PD025
24 VDC, 5A, 5 VDC
I/O Interface
Module
CJ1W-II101
One is required for each CJ1 Series Expansion Rack. An End Cover is
provided as a standard accessory. (Connect to an I/O Control Module on a
CPU Rack or to another I/O Interface Module on an Expansion Rack using
CS1/CJ1 Series Connecting Cable.)
End Cover
CJ1W-TER01
Required for the right-hand side of CJ1 Series Expansion Racks. One is
provided with I/O Interface Modules as a standard. (Not connecting an End
Cover will result in a fatal error.)
CJ1/CS1 Series
I/O C
ti
CS1W-CN313
Used to connect I/O Interface Modules (CJ1W-II101) to I/O Control Modules
(CJ1W IC101)
t
th
I/O I t f
M d l
0.3 m
/
I/O Connecting
Cables
CS1W-CN713
/
(
)
/
(CJ1W-IC101) or to other I/O Interface Modules.
0.7 m
Cables
CS1W-CN223
2m
CS1W-CN323
3m
CS1W-CN523
5m
CS1W-CN133
10 m
CS1W-CN133-B2
12 m
Special Ordering Information
Order one CJ1W-IC101 I/O Control Module for the CPU rack and one CJ1W-II101 I/O Interface Module for each I/O
Expansion rack.
Connect the modules with a cable of the appropriate length.
The second and third I/O Expansion racks connect between I/O Interface Modules.


Numéro de pièce similaire - CJ1W-ID211

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
344Kb / 15P
CJ1 Ordering Guide
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
220Kb / 8P
CJ1 Programmable Controllers
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
480Kb / 5P
Reference Information
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
1Mb / 11P
CJ-series Power Supply Unit
More results

Description similaire - CJ1W-ID211

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
Pluggable engine box: Easy system configuration and maintenance
logo
Omron Electronics LLC
CPM1A OMRON-CPM1A Datasheet
1,006Kb / 27P
CPM1A System configuration
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
PractiSPIN evaluation system configuration and set up guide
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
Product Configuration System
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
Defense Grade Platform Flash In-System Programmable Configuration PROM
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
Auto-Configuration Backup and Restore System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com