Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPS3640 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MPS3640
Description  Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS3640 Fiches technique(HTML) 1 Page - Motorola, Inc

  MPS3640 Datasheet HTML 1Page - Motorola, Inc MPS3640 Datasheet HTML 2Page - Motorola, Inc MPS3640 Datasheet HTML 3Page - Motorola, Inc MPS3640 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Switching Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
–12
Vdc
Collector – Base Voltage
VCBO
–12
Vdc
Emitter – Base Voltage
VEBO
–4.0
Vdc
Collector Current — Continuous
IC
–80
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –100 µAdc, VBE = 0)
V(BR)CES
–12
Vdc
Collector – Emitter Sustaining Voltage(1)
(IC = –10 mAdc, IB = 0)
VCEO(sus)
–12
Vdc
Collector – Base Breakdown Voltage
(IC = –100 mAdc, IE = 0)
V(BR)CBO
–12
Vdc
Emitter – Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
V(BR)EBO
–4.0
Vdc
Collector Cutoff Current
(VCE = –6.0 Vdc, VBE = 0)
(VCE = –6.0 Vdc, VBE = 0, TA = 65°C)
ICES
–0.01
–1.0
µAdc
Base Current
(VCE = –6.0 Vdc, VEB = 0)
IB
–10
nAdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Order this document
by MPS3640/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPS3640
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Numéro de pièce similaire - MPS3640

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
MPS3640 NJSEMI-MPS3640 Datasheet
277Kb / 2P
PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
More results

Description similaire - MPS3640

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
Switching Transistor
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
Switching Transistor
October, 2010 -- Rev. 2
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
Switching transistor
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com