Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LS164 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LS164
Description  8-Bit Serial In/Parallel Out Shift Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS164 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LS164 Datasheet HTML 1Page - Fairchild Semiconductor 74LS164 Datasheet HTML 2Page - Fairchild Semiconductor 74LS164 Datasheet HTML 3Page - Fairchild Semiconductor 74LS164 Datasheet HTML 4Page - Fairchild Semiconductor 74LS164 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006398
www.fairchildsemi.com
August 1986
Revised April 2000
DM74LS164
8-Bit Serial In/Parallel Out Shift Register
General Description
These 8-bit shift registers feature gated serial inputs and
an asynchronous clear. A low logic level at either input
inhibits entry of the new data, and resets the first flip-flop to
the low level at the next clock pulse, thus providing com-
plete control over incoming data. A high logic level on
either input enables the other input, which will then deter-
mine the state of the first flip-flop. Data at the serial inputs
may be changed while the clock is HIGH or LOW, but only
information meeting the setup and hold time requirements
will be entered. Clocking occurs on the LOW-to-HIGH level
transition of the clock input. All inputs are diode-clamped to
minimize transmission-line effects.
Features
s Gated (enable/disable) serial inputs
s Fully buffered clock and serial inputs
s Asynchronous clear
s Typical clock frequency 36 MHz
s Typical power dissipation 80 mW
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level (steady state)
L
= LOW Level (steady state)
X
= Don't Care (any input, including transitions)
↑ = Transition from LOW-to-HIGH level
QA0, QB0, QH0 = The level of QA, QB, or QH, respectively, before the
indicated steady-state input conditions were established.
QAn, QGn = The level of QA or QG before the most recent ↑ transition of the
clock; indicates a one-bit shift.
Order Number
Package Number
Package Description
DM74LS164M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
DM74LS164N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
Clear
Clock
A
B
QA
QB
...
QH
LX
X
X
L
L
...
L
HL
X
X
QA0
QB0
...
QH0
H
H
HHQAn
...
QGn
H
LX
L
QAn
...
QGn
H
XL
L
QAn
...
QGn


Numéro de pièce similaire - 74LS164

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LS164 ONSEMI-74LS164 Datasheet
109Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
System Logic Semiconduc...
74LS164 SLS-74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Hitachi Semiconductor
74LS164 HITACHI-74LS164 Datasheet
76Kb / 6P
8-Bit Parallel-Out Serial-In Shift Registers
logo
Silicon Supplies
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
74LS164 SS-74LS164 Datasheet
333Kb / 5P
Low Power Schottky Logic
Rev 1.0 24/11/17
More results

Description similaire - 74LS164

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com