Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DTS4500 Fiches technique(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

No de pièce DTS4500
Description  N-Channel 40 V (D-S) MOSFET Halogen-free
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DINTEK [DinTek Semiconductor Co,.Ltd]
Site Internet  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS4500 Fiches technique(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTS4500 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS4500 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
10 000
10-1
10-4
100
0.2
0.1
Square Wave Pulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
1000
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1
0.1
0.05
Single Pulse
0.02
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Note
Normalized Thermal Transient Impedance, Junction-to-Ambient
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a
“ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
www.din-tek.jp
DTS4500


Numéro de pièce similaire - DTS4500

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
Halogen-free According to IEC 61249-2-21
More results

Description similaire - DTS4500

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTE2312 DINTEK-DTE2312_13 Datasheet
1Mb / 8P
N-Channel 20-V (D-S) MOSFET Halogen-free
DTL15N03 DINTEK-DTL15N03_13 Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET Halogen-free
DTM4909 DINTEK-DTM4909 Datasheet
1Mb / 9P
Dual P-Channel 40 V (D-S) MOSFET Halogen-free
DTP9530 DINTEK-DTP9530_13 Datasheet
2Mb / 8P
N-Channel 30-V (D-S) MOSFET Halogen-free
DTS2N7002 DINTEK-DTS2N7002 Datasheet
1Mb / 8P
N-Channel 60-V (D-S) MOSFET Halogen-free
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
N-Channel 20 V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET Halogen-free
DTS6504 DINTEK-DTS6504_13 Datasheet
2Mb / 9P
N-Channel 30 V (D-S) MOSFET Halogen-free
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET Halogen-free
DTU50N03 DINTEK-DTU50N03_13 Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com