Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103RG Fiches technique(PDF) 119 Page - STMicroelectronics

No de pièce STM32F103RG
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RG Fiches technique(HTML) 119 Page - STMicroelectronics

Back Button STM32F103RG Datasheet HTML 112Page - STMicroelectronics STM32F103RG Datasheet HTML 113Page - STMicroelectronics STM32F103RG Datasheet HTML 114Page - STMicroelectronics STM32F103RG Datasheet HTML 115Page - STMicroelectronics STM32F103RG Datasheet HTML 116Page - STMicroelectronics STM32F103RG Datasheet HTML 117Page - STMicroelectronics STM32F103RG Datasheet HTML 118Page - STMicroelectronics STM32F103RG Datasheet HTML 119Page - STMicroelectronics STM32F103RG Datasheet HTML 120Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 120 page
background image
STM32F103xF, STM32F103xG
Revision history
Doc ID 16554 Rev 3
119/120
18-Jan-2012
3
Asynchronous waveforms and timings: added notes about tHCLK clock
period and FSMC_BusTurnAroundDuration; updated conditions,
modified Table 31: Asynchronous non-multiplexed SRAM/PSRAM/NOR
read timings, Table 32: Asynchronous non-multiplexed
SRAM/PSRAM/NOR write timings, Table 34: Asynchronous multiplexed
PSRAM/NOR read timings, and Table 35: Asynchronous multiplexed
PSRAM/NOR write timings; added Table 33: Asynchronous read
muxed.
Synchronous waveforms and timings: updated Figure 27: Synchronous
multiplexed PSRAM write timings; updated Table 36: Synchronous
multiplexed NOR/PSRAM read timings, Table 37: Synchronous
multiplexed PSRAM write timings, Table 38: Synchronous non-
multiplexed NOR/PSRAM read timings, and Table 39: Synchronous
non-multiplexed PSRAM write timings.
PC Card/CompactFlash controller waveforms and timings: updated
Figure 35: PC Card/CompactFlash controller waveforms for I/O space
write access; split switching characteristics into Table 40: Switching
characteristics for PC Card/CF read and write cycles in
attribute/common space and Table 41: Switching characteristics for PC
Card/CF read and write cycles in I/O space, modified values, and
removed footnote concerning preliminary values.
NAND controller waveforms and timings: updated conditions, split
switching characteristics into Table 42: Switching characteristics for
NAND Flash read cycles and Table 43: Switching characteristics for
NAND Flash write cycles, and values modified.
Section 5.3.14: I/O port characteristics: updated footnote1 of Table 49:
I/O static characteristics; updated Output driving current.
Table 50: Output voltage characteristics: swapped “TTL and “CMOS”
ports in the conditions column.
Table 54: I2C characteristics: updated footnote 2.
Updated Table 58: SD / MMC characteristics.
Table 62: ADC characteristics: updated footnote 1.
Table 64: ADC accuracy - limited test conditions: updated footnote 3.
Table 67: TS characteristics: updated footnote 1.
Table 74.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More