![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
ET-78DXX Fiches technique(PDF) 6 Page - Estek Electronics Co. Ltd |
|
|
ET-78DXX Fiches technique(HTML) 6 Page - Estek Electronics Co. Ltd |
6 / 9 page ![]() 78Dxx www.estek.com.cn Copyright @ Estek Electronics Co., Ltd Version 0.2 27 July 2011 6 78D18 Electrical Characteristics (T A=25 oC, VIN=27V, IOUT=500mA, unless otherwise noted . ) Symbol Parameter Test Conditions* Min. Typ. Max. Unit 17.3 18.0 18.7 VOUT** Output voltage IO=5mA to 1.0A VIN=21V to 33V 0 to 125 oC 17.1 18.0 18.9 V VIN=21.5V to 33V - - 360 Regline Line regulation VIN=24V to 30V - - 180 mV IO=250mA to 750mA - - 180 Regload Load regulation IO=5mA to 1.0A - - 360 mV PSRR Ripple rejection VIN=22.5V to 32V, f=120Hz 60 70 - dB Vn Output noise voltage F=10Hz~100Hz - 100 - uV VDROPOUT Dropout voltage - 2.0 - V IQ Bias current - - 8.0 mA VIN=21V to 33V - - 1.0 △ IQ Bias current change IO=5mA to 1.0A 0 to 125 oC - - 0.5 mA 78D20 Electrical Characteristics (T A=25 oC, VIN=29V, IOUT=500mA, unless otherwise noted . ) Symbol Parameter Test Conditions* Min. Typ. Max. Unit 19.2 20.0 20.8 VOUT** Output voltage IO=5mA to 1.0A VIN=23V to 35V 0 to 125 oC 19.0 20.0 21.0 V VIN=23V to 35V - - 400 Regline Line regulation VIN=26V to 32V - - 200 mV IO=250mA to 750mA - - 200 Regload Load regulation IO=5mA to 1.0A - - 400 mV PSRR Ripple rejection VIN=24.5V to 35V, f=120Hz 55 65 - dB Vn Output noise voltage F=10Hz~100Hz - 120 - uV VDROPOUT Dropout voltage - 2.0 - V IQ Bias current - - 8.0 mA VIN=23V to 35V - - 1.0 △ IQ Bias current change IO=5mA to 1.0A 0 to 125 oC - - 0.5 mA ET- |
Numéro de pièce similaire - ET-78DXX |
|
Description similaire - ET-78DXX |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |