Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APFCON Fiches technique(PDF) 219 Page - Microchip Technology

No de pièce APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Fiches technique(HTML) 219 Page - Microchip Technology

Back Button APFCON Datasheet HTML 214Page - Microchip Technology APFCON Datasheet HTML 215Page - Microchip Technology APFCON Datasheet HTML 216Page - Microchip Technology APFCON Datasheet HTML 217Page - Microchip Technology APFCON Datasheet HTML 218Page - Microchip Technology APFCON Datasheet HTML 219Page - Microchip Technology APFCON Datasheet HTML 220Page - Microchip Technology APFCON Datasheet HTML 221Page - Microchip Technology APFCON Datasheet HTML 222Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 219 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 219
MCP19111
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP19111: Digitally Enhanced Power Analog Controller with
Integrated Synchronous Driver
Tape and Reel
Option:
Blank
= Standard packaging (tube)
T
= Tape and Reel
Temperature
Range:
E= -40
C to +125C
(Extended)
Package:
MQ = 28-lead Plastic Quad Flat, No Lead Package -
5x5x0.9 mm Body (QFN)
Examples:
a)
MCP19111-E/MQ:
Extended temperature,
QFN 5x5 package
a)
MCP19111T-E/MQ:
Tape and Reel,
Extended temperature,
QFN 5x5 package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More