Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APFCON Fiches technique(PDF) 205 Page - Microchip Technology

No de pièce APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Fiches technique(HTML) 205 Page - Microchip Technology

Back Button APFCON Datasheet HTML 201Page - Microchip Technology APFCON Datasheet HTML 202Page - Microchip Technology APFCON Datasheet HTML 203Page - Microchip Technology APFCON Datasheet HTML 204Page - Microchip Technology APFCON Datasheet HTML 205Page - Microchip Technology APFCON Datasheet HTML 206Page - Microchip Technology APFCON Datasheet HTML 207Page - Microchip Technology APFCON Datasheet HTML 208Page - Microchip Technology APFCON Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 205
MCP19111
31.0
PACKAGING INFORMATION
31.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
28-Lead QFN (5x5x0.9 mm)
Example
PIN 1
PIN 1
19111
E/MQ ^^
1246256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More