Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ANSELA Fiches technique(PDF) 162 Page - Microchip Technology

No de pièce ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Fiches technique(HTML) 162 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 158Page - Microchip Technology ANSELA Datasheet HTML 159Page - Microchip Technology ANSELA Datasheet HTML 160Page - Microchip Technology ANSELA Datasheet HTML 161Page - Microchip Technology ANSELA Datasheet HTML 162Page - Microchip Technology ANSELA Datasheet HTML 163Page - Microchip Technology ANSELA Datasheet HTML 164Page - Microchip Technology ANSELA Datasheet HTML 165Page - Microchip Technology ANSELA Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 222 page
background image
FIGURE 27-12:
I2C SLAVE, 10-BIT ADDRESS, RECEPTION (SEN = 1, AHEN = 0, DHEN = 0)
SSPIF
Receive First Address Byte
ACK
Receive Second Address Byte
ACK
Receive Data
ACK
Receive Data
ACK
1
1
1
1
0
A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
UA
CKP
1
2
34
5
6
78
91
2
3
4
5
6
7
8
9
1
2
3
45
67
8
9
1
2
34
5
6
78
9
P
Master sends
Stop condition
Cleared by software
Receive address is
Software updates SSPADD
Data is read
SCL is held low
Set by software,
while CKP = 0
from SSPBUF
releasing SCL
When SEN = 1;
CKP is cleared after
9th falling edge of received byte
read from SSPBUF
and releases SCL
When UA = 1;
If address matches
Set by hardware
on 9th falling edge
SSPADD it is loaded into
SSPBUF
SCL is held low
S
BF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More