| Moteur de recherche de fiches techniques de composants électroniques |
|
ANSELA Fiches technique(PDF) 156 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ANSELA Fiches technique(HTML) 156 Page - Microchip Technology |
|
156 / 222 page ![]() FIGURE 27-9: I2C SLAVE, 7-BIT ADDRESS, RECEPTION (SEN = 1, AHEN = 1, DHEN = 1) Receiving Address Receive Data Receive Data A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDA SCL SSPIF BF ACKDT CKP S P ACK S 12 34 56 7 8 9 12 3 45 6 7 8 9 12 34 5 6 7 8 9 ACK ACK Cleared by software ACKTIM is cleared by hardware SSPBUF can be Set by software, read any time before next byte is loaded release SCL on 9th rising edge of SCL Received address is loaded into SSPBUF Slave software clears ACKDT to ACK R/W = 0 Master releases SDA to slave for ACK sequence the received byte When AHEN = 1; on the 8th falling edge of SCL of an address byte, CKP is cleared ACKTIM is set by hardware on 8th falling edge of SCL When DHEN = 1; on the 8th falling edge of SCL of a received data byte, CKP is cleared Received data is available on SSPBUF Slave sends not ACK CKP is not cleared if not ACK P Master sends Stop condition No interrupt after if not ACK from Slave ACKTIM |