Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ANSELA Fiches technique(PDF) 208 Page - Microchip Technology

No de pièce ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Fiches technique(HTML) 208 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 204Page - Microchip Technology ANSELA Datasheet HTML 205Page - Microchip Technology ANSELA Datasheet HTML 206Page - Microchip Technology ANSELA Datasheet HTML 207Page - Microchip Technology ANSELA Datasheet HTML 208Page - Microchip Technology ANSELA Datasheet HTML 209Page - Microchip Technology ANSELA Datasheet HTML 210Page - Microchip Technology ANSELA Datasheet HTML 211Page - Microchip Technology ANSELA Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 222 page
background image
MCP19111
DS22331A-page 208
 2013 Microchip Technology Inc.
28-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5 mm Body [QFN] Land Pattern
With 0.55 mm Contact Length
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Microchip Technology Drawing C04-2140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More