Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP19111 Fiches technique(PDF) 156 Page - Microchip Technology

No de pièce MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Fiches technique(HTML) 156 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 152Page - Microchip Technology MCP19111 Datasheet HTML 153Page - Microchip Technology MCP19111 Datasheet HTML 154Page - Microchip Technology MCP19111 Datasheet HTML 155Page - Microchip Technology MCP19111 Datasheet HTML 156Page - Microchip Technology MCP19111 Datasheet HTML 157Page - Microchip Technology MCP19111 Datasheet HTML 158Page - Microchip Technology MCP19111 Datasheet HTML 159Page - Microchip Technology MCP19111 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 222 page
background image
FIGURE 27-9:
I2C SLAVE, 7-BIT ADDRESS, RECEPTION (SEN = 1, AHEN = 1, DHEN = 1)
Receiving Address
Receive Data
Receive Data
A7 A6 A5 A4 A3 A2 A1
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
SSPIF
BF
ACKDT
CKP
S
P
ACK
S
12
34
56
7
8
9
12
3
45
6
7
8
9
12
34
5
6
7
8
9
ACK
ACK
Cleared by software
ACKTIM is cleared by hardware
SSPBUF can be
Set by software,
read any time before
next byte is loaded
release SCL
on 9th rising edge of SCL
Received
address is loaded into
SSPBUF
Slave software clears
ACKDT to ACK
R/W = 0
Master releases
SDA to slave for ACK sequence
the received byte
When AHEN = 1;
on the 8th falling edge
of SCL of an address
byte, CKP is cleared
ACKTIM is set by hardware
on 8th falling edge of SCL
When DHEN = 1;
on the 8th falling edge
of SCL of a received
data byte, CKP is cleared
Received data is
available on SSPBUF
Slave sends
not ACK
CKP is not cleared
if not ACK
P
Master sends
Stop condition
No interrupt after
if not ACK
from Slave
ACKTIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More