| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F405VG Fiches technique(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG Fiches technique(HTML) 142 Page - STMicroelectronics |
|
142 / 180 page ![]() Electrical characteristics STM32F405xx, STM32F407xx 142/180 Doc ID 022152 Rev 3 PC Card/CompactFlash controller waveforms and timings Figure 61 through Figure 66 represent synchronous waveforms, and Table 81 and Table 82 provide the corresponding timings. The results shown in this table are obtained with the following FSMC configuration: ● COM.FSMC_SetupTime = 0x04; ● COM.FSMC_WaitSetupTime = 0x07; ● COM.FSMC_HoldSetupTime = 0x04; ● COM.FSMC_HiZSetupTime = 0x00; ● ATT.FSMC_SetupTime = 0x04; ● ATT.FSMC_WaitSetupTime = 0x07; ● ATT.FSMC_HoldSetupTime = 0x04; ● ATT.FSMC_HiZSetupTime = 0x00; ● IO.FSMC_SetupTime = 0x04; ● IO.FSMC_WaitSetupTime = 0x07; ● IO.FSMC_HoldSetupTime = 0x04; ● IO.FSMC_HiZSetupTime = 0x00; ● TCLRSetupTime = 0; ● TARSetupTime = 0. In all timing tables, the THCLK is the HCLK clock period. Figure 61. PC Card/CompactFlash controller waveforms for common memory read access 1. FSMC_NCE4_2 remains high (inactive during 8-bit access. FSMC_NWE tw(NOE) FSMC_NOE FSMC_D[15:0] FSMC_A[10:0] FSMC_NCE4_2(1) FSMC_NCE4_1 FSMC_NREG FSMC_NIOWR FSMC_NIORD td(NCE4_1-NOE) tsu(D-NOE) th(NOE-D) tv(NCEx-A) td(NREG-NCEx) td(NIORD-NCEx) th(NCEx-AI) th(NCEx-NREG) th(NCEx-NIORD) th(NCEx-NIOWR) ai14895b |