Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W29C020S-70B Fiches technique(PDF) 18 Page - Winbond

No de pièce W29C020S-70B
Description  256K X 8 CMOS FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W29C020S-70B Fiches technique(HTML) 18 Page - Winbond

Back Button W29C020S-70B Datasheet HTML 13Page - Winbond W29C020S-70B Datasheet HTML 14Page - Winbond W29C020S-70B Datasheet HTML 15Page - Winbond W29C020S-70B Datasheet HTML 16Page - Winbond W29C020S-70B Datasheet HTML 17Page - Winbond W29C020S-70B Datasheet HTML 18Page - Winbond W29C020S-70B Datasheet HTML 19Page - Winbond W29C020S-70B Datasheet HTML 20Page - Winbond W29C020S-70B Datasheet HTML 21Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
W29C020
- 18 -
ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
POWER
SUPPLY CURRENT
MAX. (mA)
STANDBY
VDD CURRENT
MAX. (
µA)
PACKAGE
CYCLING
W29C020-70A
70
50
100
600 mil DIP
100
W29C020-90A
90
50
100
600 mil DIP
100
W29C020-12A
120
50
100
600 mil DIP
100
W29C020S-70A
70
50
100
450 mil SOP
100
W29C020S-90A
90
50
100
450 mil SOP
100
W29C020S-12A
120
50
100
450 mil SOP
100
W29C020T-70A
70
50
100
Type one TSOP
100
W29C020T-90A
90
50
100
Type one TSOP
100
W29C020T-12A
120
50
100
Type one TSOP
100
W29C020P-70A
70
50
100
32-pin PLCC
100
W29C020P-90A
90
50
100
32-pin PLCC
100
W29C020P-12A
120
50
100
32-pin PLCC
100
W29C020-70
70
50
100
600 mil DIP
1K
W29C020-90
90
50
100
600 mil DIP
1K
W29C020-12
120
50
100
600 mil DIP
1K
W29C020S-70
70
50
100
450 mil SOP
1K
W29C020S-90
90
50
100
450 mil SOP
1K
W29C020S-12
120
50
100
450 mil SOP
1K
W29C020T-70
70
50
100
Type one TSOP
1K
W29C020T-90
90
50
100
Type one TSOP
1K
W29C020T-12
120
50
100
Type one TSOP
1K
W29C020P-70
70
50
100
32-pin PLCC
1K
W29C020P-90
90
50
100
32-pin PLCC
1K
W29C020P-12
120
50
100
32-pin PLCC
1K
W29C020-70B
70
50
100
600 mil DIP
10K
W29C020-90B
90
50
100
600 mil DIP
10K
W29C020-12B
120
50
100
600 mil DIP
10K
W29C020S-70B
70
50
100
450 mil SOP
10K
W29C020S-90B
90
50
100
450 mil SOP
10K
W29C020S-12B
120
50
100
450 mil SOP
10K
W29C020T-70B
70
50
100
Type one TSOP
10K
W29C020T-90B
90
50
100
Type one TSOP
10K
W29C020T-12B
120
50
100
Type one TSOP
10K
W29C020P-70B
70
50
100
32-pin PLCC
10K
W29C020P-90B
90
50
100
32-pin PLCC
10K
W29C020P-12B
120
50
100
32-pin PLCC
10K
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in
applications where personal injury might occur as a consequence of product failure.


Numéro de pièce similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
More results

Description similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Winbond
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
256K x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com