Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W29C020S-70B Fiches technique(PDF) 12 Page - Winbond

No de pièce W29C020S-70B
Description  256K X 8 CMOS FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W29C020S-70B Fiches technique(HTML) 12 Page - Winbond

Back Button W29C020S-70B Datasheet HTML 8Page - Winbond W29C020S-70B Datasheet HTML 9Page - Winbond W29C020S-70B Datasheet HTML 10Page - Winbond W29C020S-70B Datasheet HTML 11Page - Winbond W29C020S-70B Datasheet HTML 12Page - Winbond W29C020S-70B Datasheet HTML 13Page - Winbond W29C020S-70B Datasheet HTML 14Page - Winbond W29C020S-70B Datasheet HTML 15Page - Winbond W29C020S-70B Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
W29C020
- 12 -
AC Characteristics, continued
Read Cycle Timing Parameters
(VDD = 5.0V
±10% for 90 nS and 120 nS; VDD = 5.0V ±5% for 70 nS, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
W29C020-70 W29C020-90 W29C020-12 UNIT
MIN. MAX. MIN. MAX. MIN. MAX.
Read Cycle Time
TRC
70
-
90
-
120
-
nS
Chip Enable Access Time
TCE
-
70
-
90
-
120
nS
Address Access Time
TAA
-
70
-
90
-
120
nS
Output Enable Access Time
TOE
-
35
-
40
-
50
nS
CE High to High-Z Output
TCHZ
-
25
-
25
-
30
nS
OE High to High-Z Output
TOHZ
-
25
-
25
-
30
nS
Output Hold from Address change
TOH
0
-
0
-
0
-
nS
Byte/Page-write Cycle Timing Parameters
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Write Cycle (erase and program)
TWC
-
-
10
mS
Address Setup Time
TAS
0
-
-
nS
Address Hold Time
TAH
50
-
-
nS
WE and CE Setup Time
TCS
0
-
-
nS
WE and CE Hold Time
TCH
0
-
-
nS
OE High Setup Time
TOES
0
-
-
nS
OE High Hold Time
TOEH
0
-
-
nS
CE Pulse Width
TCP
70
-
-
nS
WE Pulse Width
TWP
70
-
-
nS
WE High Width
TWPH
100
-
-
nS
Data Setup Time
TDS
50
-
-
nS
Data Hold Time
TDH
0
-
-
nS
Byte Load Cycle Time
TBLC
-
-
150
µS
Note: All AC timing signals observe the following guideline for determining setup and hold times:
Reference level is VIH for high-level signal and VIL for low-level signal.


Numéro de pièce similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
More results

Description similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Winbond
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
256K x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com