Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W29C020S-70B Fiches technique(PDF) 1 Page - Winbond

No de pièce W29C020S-70B
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W29C020S-70B Fiches technique(HTML) 1 Page - Winbond

  W29C020S-70B Datasheet HTML 1Page - Winbond W29C020S-70B Datasheet HTML 2Page - Winbond W29C020S-70B Datasheet HTML 3Page - Winbond W29C020S-70B Datasheet HTML 4Page - Winbond W29C020S-70B Datasheet HTML 5Page - Winbond W29C020S-70B Datasheet HTML 6Page - Winbond W29C020S-70B Datasheet HTML 7Page - Winbond W29C020S-70B Datasheet HTML 8Page - Winbond W29C020S-70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
W29C020
256K
× 8 CMOS FLASH MEMORY
Publication Release Date: February 1998
- 1 -
Revision A3
GENERAL DESCRIPTION
The W29C020 is a 2-megabit, 5-volt only CMOS flash memory organized as 256K
× 8 bits. The
device can be written (erased and programmed) in-system with a standard 5V power supply. A 12-volt
VPP is not required. The unique cell architecture of the W29C020 results in fast write (erase/program)
operations with extremely low current consumption compared to other comparable 5-volt flash
memory products. The device can also be written (erased and programmed) by using standard
EPROM programmers.
FEATURES
Single 5-volt write (erase and program)
operations
Fast page-write operations
− 128 bytes per page
− Page write (erase/program) cycle: 10 mS
(max.)
− Effective byte-write (erase/program) cycle
time: 39
µS
− Optional software-protected data write
Fast chip-erase operation: 50 mS
Two 8 KB boot blocks with lockout
Typical page write (erase/program) cycles:
100/1K/10K
Read access time: 70/90/120 nS
Ten-year data retention
Software and hardware data protection
Low power consumption
− Active current: 25 mA (typ.)
− Standby current: 20 µA (typ.)
Automatic write (erase/program) timing with
internal VPP generation
End of write (erase/program) detection
− Toggle bit
− Data polling
Latched address and data
All inputs and outputs directly TTL compatible
JEDEC standard byte-wide pinouts
Available packages: 32-pin 600 mil DIP, 450 mil
SOP, TSOP, and 32-pin PLCC


Numéro de pièce similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
More results

Description similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Winbond
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
256K x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com