Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W29C020S-70B Fiches technique(PDF) 4 Page - Winbond

No de pièce W29C020S-70B
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W29C020S-70B Fiches technique(HTML) 4 Page - Winbond

  W29C020S-70B Datasheet HTML 1Page - Winbond W29C020S-70B Datasheet HTML 2Page - Winbond W29C020S-70B Datasheet HTML 3Page - Winbond W29C020S-70B Datasheet HTML 4Page - Winbond W29C020S-70B Datasheet HTML 5Page - Winbond W29C020S-70B Datasheet HTML 6Page - Winbond W29C020S-70B Datasheet HTML 7Page - Winbond W29C020S-70B Datasheet HTML 8Page - Winbond W29C020S-70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
W29C020
- 4 -
will remain enabled unless the disable commands are issued. A power transition will not reset the
software data protection feature. To reset the device to unprotected mode, a six-byte command
sequence is required. For information about specific codes, see the Command Codes for Software
Data Protection in the Table of Operating Modes. For information about timing waveforms, see the
timing diagrams below.
Hardware Data Protection
The integrity of the data stored in the W29C020 is also hardware protected in the following ways:
(1) Noise/Glitch Protection: A WE pulse of less than 15 nS in duration will not initiate a write cycle.
(2) VDD Power Up/Down Detection: The write operation is inhibited when VDD is less than 2.5V.
(3) Write Inhibit Mode: Forcing
OE low, CE high, or WE high will inhibit the write operation. This
prevents inadvertent writes during power-up or power-down periods.
(4) VDD power-on delay: When VDD reaches its sense level, the device will automatically timeout for
5 mS before any write (erase/program) operation.
Chip Erase Modes
The entire device can be erased by using a six-byte software command code. See the Software Chip
Erase Timing Diagram.
Boot Block Operation
There are two boot blocks (8K bytes each) in this device, which can be used to store boot code. One
of them is located in the first 8K bytes and the other is located in the last 8K bytes of the memory.
The first 8K or last 8K of the memory can be set as a boot block by using a seven-byte command
sequence.
See Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is set
the data for the designated block cannot be erased or programmed (programming lockout); other
memory locations can be changed by the regular programming method. Once the boot block
programming lockout feature is activated, the chip erase function will be disabled. In order to detect
whether the boot block feature is set on the two 8K blocks, users can perform a six-byte command
sequence: enter the product identification mode (see Command Codes for Identification/Boot Block
Lockout Detection for specific code), and then read from address "00002 hex" (for the first 8K bytes)
or "3FFF2 hex" (for the last 8K bytes). If the output data is "FF hex," the boot block programming
lockout feature is activated; if the output data is "FE hex," the lockout feature is deactivated and the
block can be programmed.
To return to normal operation, perform a three-byte command sequence to exit the identification
mode. For the specific code, see Command Codes for Identification/Boot Block Lockout Detection.
Data Polling (DQ7)- Write Status Detection
The W29C020 includes a data polling feature to indicate the end of a write cycle. When the
W29C020 is in the internal write cycle, any attempt to read DQ7 from the last byte loaded during the
page/byte-load cycle will receive the complement of the true data. Once the write cycle is completed.
DQ7 will show the true data. See the DATA Polling Timing Diagram.


Numéro de pièce similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Description similaire - W29C020S-70B

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com