| Moteur de recherche de fiches techniques de composants électroniques |
|
DCM37SC Fiches technique(PDF) 222 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCM37SC Fiches technique(HTML) 222 Page - ITT Industries |
|
222 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change D Subminiature Reader’s Resource Panel Cutouts Standard Shell Shell Size Mounting Method A ±0,13 (.005) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,13 (.005) F ±0,13 (.005) G ±0,05 (.002) H ±0,05 (.002) J ±0,05 (.002) DE Front 22,19 (.874) 11,09 (.437) 24,99 (.984) 12,49 (.492) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 20,47 (.806) 10,23 (.403) 24,99 (.984) 12,49 (.492) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DA Front 30,53 (1.202) 15,26 (.601) 33,32 (1.312) 16,66 (.656) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 28,80 (1.134) 14,40 (.567) 33,32 (1.312) 16,66 (.656) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DB Front 44,27 (1.743) 22,14 (.872) 47,04 (1.852) 23,52 (.926) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 42,51 (1.674) 21,25 (.837) 47,04 (1.852) 23,52 (.926) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DC Front 60,73 (2.391) 30,37 (1.196) 63,50 (2.500) 31,75 (1.250) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 59,08 (2.326) 29,54 (1.163) 63,50 (2.500) 31,75 (1.250) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DD Front 58,34 (2.297) 29,18 (1.149) 61,11 (2.406) 30,55 (1.203) 15,82 (.623) 7,92 (.312) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 56,33 (2.218) 28,16 (1.109) 61,11 (2.406) 30,55 (1.203) 14,09 (.555) 7,06 (.278) 3,04 (.120) 1,52 (.060) 3,35 (.132) Standard Cutout Rear Mounting Cutout (Optional) Front Panel Mounting Standard Shell Dual Float Mount Shell Rear Panel Mounting Standard Shell Dual Float Mount Shell Dual Float Mount Shell Shell Size Mounting Method A ±0,13 (.005) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,13 (.005) F ±0,13 (.005) G ±0,05 (.002) H ±0,05 (.002) J ±0,05 (.002) DE Front 23,01 (.906) 11,50 (.453) 24,99 (.984) 12,49 (.492) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 21,28 (.838) 10,64 (.419) 24,99 (.984) 12,49 (.492) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DA Front 31,34 (1.234) 15,67 (.617) 33,32 (1.312) 16,66 (.656) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 29,61 (1.166) 14,80 (.583) 33,32 (1.312) 16,66 (.656) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DB Front 45,08 (1.775) 22,55 (.888) 47,04 (1.852) 23,52 (.926) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 43,33 (1.706) 21,66 (.853) 47,04 (1.852) 23,52 (.926) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DC Front 61,54 (2.423) 30,78 (1.212) 63,50 (2.500) 31,75 (1.250) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 59,79 (2.354) 29,89 (1.177) 63,50 (2.500) 31,75 (1.250) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DD Front 59,15 (2.329) 29,59 (1.165) 61,11 (2.406) 30,55 (1.203) 16,63 (.655) 8,33 (.328) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 57,15 (2.250) 28,57 (1.125) 61,11 (2.406) 30,55 (1.203) 14,90 (.587) 7,46 (.294) 2,23 (.088) 1,11 (.044) 3,35 (.132) 221 |