Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM51155-13 Fiches technique(PDF) 142 Page - ITT Industries

No de pièce DM51155-13
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DM51155-13 Fiches technique(HTML) 142 Page - ITT Industries

Back Button DM51155-13 Datasheet HTML 138Page - ITT Industries DM51155-13 Datasheet HTML 139Page - ITT Industries DM51155-13 Datasheet HTML 140Page - ITT Industries DM51155-13 Datasheet HTML 141Page - ITT Industries DM51155-13 Datasheet HTML 142Page - ITT Industries DM51155-13 Datasheet HTML 143Page - ITT Industries DM51155-13 Datasheet HTML 144Page - ITT Industries DM51155-13 Datasheet HTML 145Page - ITT Industries DM51155-13 Datasheet HTML 146Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
141
D Subminiature
Military/High Reliability
Solder Cup Connector
Part Numbers
Military Part Numbers
Shell
Dual
Clinch Nut
Size
Layout
Through Hole
Float Mount
#4-40 UNC
DE
9
DEMM9S
DEMMY9S
DEMME9S
DA
15
DAMM15S
DAMMY15S
DAMME15S
DB
25
DBMM25S
DBMMY25S
DBMME25S
DC
37
DCMM37S
DCMMY37S
DCMME37S
DD
50
DDMM50S
DDMMY50S
DDMME50S
Commercial Part Numbers
Shell
Dual
Clinch Nut
Size
Layout
Through Hole
Float Mount
#4-40 UNC
DE
9
DEM9S
DEMY9S
DEME9S
DA
15
DAM15S
DAMY15S
DAME15S
DB
25
DBM25S
DBMY25S
DBME25S
DC
37
DCM37S
DCMY37S
DCME37S
DD
50
DDM50S
DDMY50S
DDME50S
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
A
C
B
E
D
10
°
Ø 3,05
(.120)
9,91 (.390)
MAX
5,69
(.224)
2,84
(.112)
L
K
2,84
(.112)
F
W
Receptacle
Engaging Face
DD Configuration
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More