| Moteur de recherche de fiches techniques de composants électroniques |
|
DM51155 Fiches technique(PDF) 144 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51155 Fiches technique(HTML) 144 Page - ITT Industries |
|
144 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 143 D Subminiature Military/High Reliability MIL-C-24308 Cross Reference Military Part Number ITT Cannon Part Number Military Part Number ITT Cannon Part Number Military Part Number ITT Cannon Part Number M24308/8-315 DBMAMFT25PNM M24308/8-316 DCMAMFT37PNM M24308/8-317 DDMAMFT50PNM M24308/8-324 DEMAMF9PNM-FO M24308/8-325 DAMAMF15PNM-FO M24308/8-326 DBMAMF25PNM-FO M24308/8-327 DCMAMF37PNM-FO M24308/8-328 DDMAMF50PNM-FO M24308/9-1 DEH9P002 M24308/9-2 DAH15P002 M24308/9-3 DBH25P002 M24308/9-4 DCH37P002 M24308/9-5 DDH50P002 M24308/9-6 DEH9P001 M24308/9-7 DAH15P001 M24308/9-8 DBH25P001 M24308/9-9 DCH37P001 M24308/9-10 DDH50P001 M24308/9-11 DEH9P202 M24308/9-12 DAH15P202 M24308/9-13 DBH25P202 M24308/9-14 DCH37P202 M24308/9-15 DDH50P202 M24308/9-16 DEH9P201 M24308/9-17 DAH15P201 M24308/9-18 DBH25P201 M24308/9-19 DCH37P201 M24308/9-20 DDH50P201 M24308/23-1 DEMM9SM M24308/23-2 DAMM15SM M24308/23-3 DBMM25SM M24308/23-4 DCMM37SM M24308/23-5 DDMM50SM M24308/23-7 DEMM9SZ M24308/23-8 DAMM15SZ M24308/23-9 DBMM25SZ M24308/23-10 DCMM37SZ M24308/23-11 DDMM50SZ M24308/23-13 DEMM9SH M24308/23-14 DAMM15SH M24308/23-15 DBMM25SH M24308/23-16 DCMM37SH M24308/23-17 DDMM50SH M24308/23-19 DEMM9SX M24308/23-20 DAMM15SX M24308/23-21 DBMM25SX M24308/23-22 DCMM37SX M24308/23-23 DDMM50SX M24308/23-25 DEMM9SD M24308/23-26 DAMM15SD M24308/23-27 DBMM25SD M24308/23-28 DCMM37SD M24308/23-29 DDMM50SD M24308/23-31 DEMM9SL M24308/23-32 DAMM15SL M24308/23-33 DBMM25SL M24308/23-34 DCMM37SL M24308/23-35 DDMM50SL M24308/23-37 DEMM9SA M24308/23-38 DAMM15SA M24308/23-39 DBMM25SA M24308/23-40 DCMM37SA M24308/23-41 DDMM50SA M24308/23-43 DEMM9SG M24308/23-44 DAMM15SG M24308/23-45 DBMM25SG M24308/23-46 DCMM37SG M24308/23-47 DDMM50SG M24308/23-49 DEMM9SS M24308/23-50 DAMM15SS M24308/23-51 DBMM25SS M24308/23-52 DCMM37SS M24308/23-53 DDMM50SS M24308/23-55 DEMM9SW M24308/23-56 DAMM15SW M24308/23-57 DBMM25SW M24308/23-58 DCMM37SW M24308/23-59 DDMM50SW M24308/24-1 DEMM9PM M24308/24-2 DAMM15PM M24308/24-3 DBMM25PM M24308/24-4 DCMM37PM M24308/24-5 DDMM50PM M24308/24-7 DEMM9PZ M24308/24-8 DAMM15PZ M24308/24-9 DBMM25PZ M24308/24-10 DCMM37PZ M24308/24-11 DDMM50PZ M24308/24-13 DEMM9PH M24308/24-14 DAMM15PH M24308/24-15 DBMM25PH M24308/24-16 DCMM37PH M24308/24-17 DDMM50PH M24308/24-19 DEMM9PX M24308/24-20 DAMM15PX M24308/24-21 DBMM25PX M24308/24-22 DCMM37PX M24308/24-23 DDMM50PX M24308/24-25 DEMM9PD M24308/24-26 DAMM15PD M24308/24-27 DBMM25PD M24308/24-28 DCMM37PD M24308/24-29 DDMM50PD M24308/24-31 DEMM9PL M24308/24-32 DAMM15PL M24308/24-33 DBMM25PL M24308/24-34 DCMM37PL M24308/24-35 DDMM50PL M24308/24-37 DEMM9PA M24308/24-38 DAMM15PA M24308/24-39 DBMM25PA M24308/24-40 DCMM37PA M24308/24-41 DDMM50PA M24308/24-43 DEMM9PG M24308/24-44 DAMM15PG M24308/24-45 DBMM25PG M24308/24-46 DCMM37PG M24308/24-47 DDMM50PG M24308/24-49 DEMM9PS M24308/24-50 DAMM15PS M24308/24-51 DBMM25PS M24308/24-52 DCMM37PS M24308/24-53 DDMM50PS M24308/24-55 DEMM9PW M24308/24-56 DAMM15PW M24308/24-57 DBMM25PW M24308/24-58 DCMM37PW M24308/24-59 DDMM50PW M24308/26-1 D20418-2 M24308/26-2 D20418-39 MIL-C-39029 Crimp Contacts Military Part Number ITT Cannon Part Number Contact Size Contact Style Product Line MIL Specification M39029/63-368 031-1007-078 20 Socket D*MA MIL-C-24308 M39029/64-369 330-5291-097 20 Pin D*MA MIL-C-24308 |