Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM51155 Fiches technique(PDF) 139 Page - ITT Industries

No de pièce DM51155
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DM51155 Fiches technique(HTML) 139 Page - ITT Industries

Back Button DM51155 Datasheet HTML 135Page - ITT Industries DM51155 Datasheet HTML 136Page - ITT Industries DM51155 Datasheet HTML 137Page - ITT Industries DM51155 Datasheet HTML 138Page - ITT Industries DM51155 Datasheet HTML 139Page - ITT Industries DM51155 Datasheet HTML 140Page - ITT Industries DM51155 Datasheet HTML 141Page - ITT Industries DM51155 Datasheet HTML 142Page - ITT Industries DM51155 Datasheet HTML 143Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
138
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
D Subminiature
Military/High Reliability
Wrap Post Connector
Part Numbers
Shell Size
Layout
Military Part Numbers
DE
9
DEMM9PF179
DEMM9PF179A
DA
15
DAMM15PF179
DAMM15PF179A
DB
25
DBMM25PF179
DBMM25PF179A
DC
37
DCMM37PF179
DCMM37PF179A
DD
50
DDMM50PF179
DDMM50PF179A
Shell Size
Layout
Commercial Part Numbers
DE
9
DEM9PF179
DEM9PF179A
DA
15
DAM15PF179
DAM15PF179A
DB
25
DBM25PF179
DBM25PF179A
DC
37
DCM37PF179
DCM37PF179A
DD
50
DDM50PF179
DDM50PF179A
Ø 3,05
(.120)
A
B
C
10
°
E
D
5,99
± 0,38
(.236
± .015)
X
0,61 (.024)
2,84
(.112)
5,69
(.224)
L
K
2,84
(.112)
F
W
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Plug
Engaging Face
DD Configuration
Modification Code
Number of
Wraps
X
±0,51 (.020)
F179
2
9,60 (.378)
F179A
3
12,90 (.508)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More