| Moteur de recherche de fiches techniques de composants électroniques |
|
DM51157 Fiches technique(PDF) 139 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 Fiches technique(HTML) 139 Page - ITT Industries |
|
139 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 138 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) D Subminiature Military/High Reliability Wrap Post Connector Part Numbers Shell Size Layout Military Part Numbers DE 9 DEMM9PF179 DEMM9PF179A DA 15 DAMM15PF179 DAMM15PF179A DB 25 DBMM25PF179 DBMM25PF179A DC 37 DCMM37PF179 DCMM37PF179A DD 50 DDMM50PF179 DDMM50PF179A Shell Size Layout Commercial Part Numbers DE 9 DEM9PF179 DEM9PF179A DA 15 DAM15PF179 DAM15PF179A DB 25 DBM25PF179 DBM25PF179A DC 37 DCM37PF179 DCM37PF179A DD 50 DDM50PF179 DDM50PF179A Ø 3,05 (.120) A B C 10 ° E D 5,99 ± 0,38 (.236 ± .015) X 0,61 (.024) 2,84 (.112) 5,69 (.224) L K 2,84 (.112) F W Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Plug Engaging Face DD Configuration Modification Code Number of Wraps X ±0,51 (.020) F179 2 9,60 (.378) F179A 3 12,90 (.508) |